Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6370
Description  2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 Datasheet(HTML) 3 Page - STMicroelectronics

  L6370 Datasheet HTML 1Page - STMicroelectronics L6370 Datasheet HTML 2Page - STMicroelectronics L6370 Datasheet HTML 3Page - STMicroelectronics L6370 Datasheet HTML 4Page - STMicroelectronics L6370 Datasheet HTML 5Page - STMicroelectronics L6370 Datasheet HTML 6Page - STMicroelectronics L6370 Datasheet HTML 7Page - STMicroelectronics L6370 Datasheet HTML 8Page - STMicroelectronics L6370 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VS = 24V; TJ = –25 to +125
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vsmin
Supply Voltage for Valid
Diagnostics
Idiag > 0.5mA ; Vdg1 = 1.5V
4
35
V
Vs
Supply Voltage (operative)
9.5
24
35
V
Iq
Quiescent Current
Iout =Ios =0
Vil
Vih
0.8
3
1.4
5
mA
mA
Vsth1
Undervoltage Threshold 1
(See fig. 1), Tamb = 0 to +85
°C
8.5
9
9.5
V
Vsth2
Undervoltage Threshold 2
8
8.5
9
V
Vshys
Supply Voltage Hysteresis
300
500
700
mV
Isc
Short Circuit Current
VS = 9.5 to 35V; RL =2
5k
Ω <RSC < 30kΩ
15/RSC (k
Ω)A
0 <RSC <5kΩ
2.6
3.2
4
A
Vdon
Output Voltage Drop
Iout = 2.0A Tj =25
°C
Tj = 125
°C
Iout = 2.5A Tj =25
°C
Tj = 125
°C
200
320
250
400
280
440
350
550
mV
mV
mV
mV
Ioslk
Output Leakage Current
Vi =Vil ;Vo = 0V
500
µA
Vol
Low State Out Voltage
Vi =Vil ;RL =
0.8
1.5
V
Vcl
Internal Voltage Clamp (VS -VO)IO =1A
Single Pulsed: Tp = 300
µs
48
53
58
V
Iold
Open Load Detection Current
Vi =Vih;Tamb = 0 to +85
°C1
3
6
mA
Vid
Common Mode Input Voltage
Range (Operative)
VS = 18 to 35V
–7
15
V
Iib
Input Bias Current
Vi = –7 to 15V; –In = 0V
–250
250
µA
Vith
Input Threshold Voltage
V+In > V–In
0.8
1.4
2
V
Viths
Input Threshold Hysteresis
Voltage
V+In > V–In
50
400
mV
Rid
Diff. Input Resistance
0 < +In < +16V ; –In = 0V
–7 < +In < 0V ; –In = 0V
400
150
K
K
Iilk
Input Offset Current
V+In = V–In
+Ii
0V < Vi <5.5V
–Ii
–20
–75
–25
+20
µA
µA
–In = GND
+Ii
0V < V+In <5.5V
–Ii
–250
+10
–125
+50
µA
µA
+In = GND
+Ii
0V < V–In <5.5V
–Ii
–100
–50
–30
–15
µA
µA
N.
Name
Function
1
DIAG1
DIAGNOSTIC 1 output. This open drain reports the IC working conditions. (See
Diagnostic truth table)
2
DIAG1
DIAGNOSTIC 2 output. This open drain reports the IC working conditions. (See
Diagnostic truth table)
3
IN -
Comparator non inverting input
4
IN+
Comparator inverting input
5
OUTSTATUS
This current source output is capable of driving a LED to signal the status of the output
pin. The pin is active (source current) when the output pin is considered high (See fig 1)
6
GND
Ground
7
ON-DELAY
Programmable ON time interval duration during short circuit operation
8
RSC
Current limitation setting.
9
OUTPUT
High Side output with built-in current limitation
10
VS
Supply Volatge Input, the value of the supply voltage is monitored to detect under voltage
condition
11
OUTPUT
High Side output with built-in current limitation
PIN FUNCTION (pin numbering referred to Multiwatt package)
L6370
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com