Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6370
Description  2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 Datasheet(HTML) 1 Page - STMicroelectronics

  L6370 Datasheet HTML 1Page - STMicroelectronics L6370 Datasheet HTML 2Page - STMicroelectronics L6370 Datasheet HTML 3Page - STMicroelectronics L6370 Datasheet HTML 4Page - STMicroelectronics L6370 Datasheet HTML 5Page - STMicroelectronics L6370 Datasheet HTML 6Page - STMicroelectronics L6370 Datasheet HTML 7Page - STMicroelectronics L6370 Datasheet HTML 8Page - STMicroelectronics L6370 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L6370
2.5A HIGH-SIDE DRIVER
INDUSTRIAL INTELLIGENT POWER SWITCH
2.5A OUTPUT CURRENT
9.5V TO 35V SUPPLY VOLTAGE RANGE
INTERNAL CURRENT LIMITING
THERMAL SHUTDOWN
OPEN GROUND PROTECTION
INTERNAL NEGATIVE VOLTAGE CLAMPING
TO VS - 50V FOR FAST DEMAGNETIZATION
DIFFERENTIAL INPUTS WITH LARGE COM-
MON MODE RANGE AND THRESHOLD
HYSTERESIS
UNDERVOLTAGELOCKOUT WITH HYSTERESIS
OPEN LOAD DETECTION
TWO DIAGNOSTIC OUTPUTS
OUTPUT STATUS LED DRIVER
NON DISSIPATIVE SHORT CIRCUIT PRO-
TECTION
PROTECTION AGAINST AND SURGE TRAN-
SIENT (IEC 801-5)
IMMUNITY AGAINST BURST TRANSIENT
(IEC 801-4)
ESD PROTECTION (HUMAN BODY MODEL
±2KV)
DESCRIPTION
The L6370 is a monolithic Intelligent Power
Switch in Multipower BCD Technology, for driving
inductive or resistive loads. An internal Clamping
Diode enables the fast demagnetization of induc-
tive loads. Diagnostic for CPU feedback and ex-
tensive use of electrical protections make this de-
vice extremely rugged and specially suitable for
industrial automation applications.
March 1997
ORDERING NUMBERS: L6370L (MULTIWATT11)
L6 370D ( P owe rS O 20)
UNDER
VOLTAGE
CHARGE
PUMP
DRIVER
NON DISSIPATIVE
SHORT CIRCUIT
CURRENT
LIMITATION
OPEN LOAD
DETECTION
OUTSTATUS
DIAGNOSTIC
THERMAL
PROTECTION
OSC
+
-
1.4V
INPUT
IN+
IN-
ON-DELAY
OUTPUT STATUS
3mA
DIAG2
DIAG1
OUT
V
S
D95IN208D
RSC
BLOCK DIAGRAM
MULTIPOWER BCD TECHNOLOGY
PowerSO20
MULTIWA TT11 (in line)
1/10


Similar Part No. - L6370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370 STMICROELECTRONICS-L6370 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6370D013TR STMICROELECTRONICS-L6370D013TR Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
2.5 A single high-side smart power switch
04-Oct-2011
L6370Q STMICROELECTRONICS-L6370Q Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
L6370QTR STMICROELECTRONICS-L6370QTR Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
More results

Similar Description - L6370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Jul-1998
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com