Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6370
Description  2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 Datasheet(HTML) 4 Page - STMicroelectronics

  L6370 Datasheet HTML 1Page - STMicroelectronics L6370 Datasheet HTML 2Page - STMicroelectronics L6370 Datasheet HTML 3Page - STMicroelectronics L6370 Datasheet HTML 4Page - STMicroelectronics L6370 Datasheet HTML 5Page - STMicroelectronics L6370 Datasheet HTML 6Page - STMicroelectronics L6370 Datasheet HTML 7Page - STMicroelectronics L6370 Datasheet HTML 8Page - STMicroelectronics L6370 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Voth1
Output Status Threshold 1
Voltage
(See fig. 1)
4.5
5
5.5
V
Voth2
Output Status Threshold 2
Voltage
(See fig. 1)
4
4.5
5.0
V
Vohys
Output Status Threshold
Hysteresis
(See fig. 1)
300
500
700
mV
Iosd
Output Status Source Current
Vout >Voth1 ;Vos = 2.5V
2
4
mA
Vosd
Active Output Status Driver
Drop Voltage
Vs – Vos ;Ios = 2mA
Tamb = 0 to +85
°C
1.5
3
V
Ioslk
Output Status Driver Leakage
Current
Vout <Voth2 ;Vos =0V
VS = 9.5 to 35V
25
µA
Vdgl
Diagnostic Drop Voltage
D1 / D2 = L ; Idiag = 0.5mA
D1 / D2= L; Idiag = 3mA
40
250
mV
mV
Idglk
Diagnostic Leakage Current
D1 / D2 =H ; 0 < Vdg < Vs
VS = 9.5 to 35V
5
µA
SOURCE DRAIN NDMOS DIODE
Vfsd
Forward On Voltage
@ Ifsd = 2.5A
1
1.5
V
Ifp
Forward Peak Current
t = 10ms; d = 20%
6
A
trr
Reverse Recovery Time
If = 2.5A di/dt = 25A/
µs
200
ns
tfr
Forward Recovery Time
100
ns
THERMAL CHARACTERISTICS
Θ Lim
Junction Temp. Protect.
135
150
°C
ΘTH
Thermal Hysteresis
20
°C
Note Vil < 0.8V, Vih > 2V @ (V+In > V–In)
AC OPERATION (pin numbering referred to Multiwatt package)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tr -tf
9 vs 4
Rise or Fall Time
VS = 24V; RI =70
Ω;Rl to
ground
20
µs
td
9 vs 3
Delay Time
5
µs
dV/dt
9, 11
Slew Rate (Rise and Fall Edge)
0.7
1
1.5
V/
µs
tON
7
On time during Short Circuit
Condition
50pF <CDON < 2nF
1.28
µs/pF
tOFF
Of time during hort Circuit
Condition
64
tON
fmax
Maximum Operating
Frequency
25
KHz
VOUT
D95IN211A
Voth1
Vshys
Voth2
Figure 1: Output Status Hysteresis
L6370
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com