Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370 Datasheet (PDF) - STMicroelectronics

L6370 Datasheet PDF - STMicroelectronics
Part # L6370
Download  L6370 Download
File Size   93.87 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH

L6370 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6370 Datasheet PDF - STMicroelectronics

Part # L6370
Download  L6370 Click to download

File Size   93.87 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH

L6370 Datasheet (HTML) - STMicroelectronics


L6370 Product details

DESCRIPTION
The L6370 is a monolithic Intelligent Power Switch in Multipower BCD Technology, for driving inductive or resistive loads. An internal Clamping Diode enables the fast demagnetization of inductive loads. Diagnostic for CPU feedback and extensive use of electrical protections make this device extremely rugged and specially suitable for industrial automation applications.

■ 2.5A OUTPUT CURRENT
■ 9.5V TO 35V SUPPLY VOLTAGE RANGE
■ INTERNAL CURRENT LIMITING
■ THERMAL SHUTDOWN
■ OPEN GROUND PROTECTION
■ INTERNAL NEGATIVE VOLTAGE CLAMPING TO VS - 50V FOR FAST DEMAGNETIZATION
■ DIFFERENTIAL INPUTS WITH LARGE COMMON MODE RANGE AND THRESHOLD HYSTERESIS
■ UNDERVOLTAGE LOCKOUT WITH HYSTERESIS
■ OPEN LOAD DETECTION
■ TWO DIAGNOSTICOUTPUTS
■ OUTPUT STATUS LED DRIVER
■ NON DISSIPATIVE SHORT CIRCUIT PROTECTION
■ PROTECTION AGAINST AND SURGE TRANSIENT (IEC 801-5)
■ IMMUNITY AGAINST BURST TRANSIENT (IEC 801-4)
■ ESD PROTECTION (HUMAN BODY MODEL ±2KV)




Similar Part No. - L6370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6370 STMICROELECTRONICS-L6370 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6370D013TR STMICROELECTRONICS-L6370D013TR Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6370Q STMICROELECTRONICS-L6370Q Datasheet
270Kb / 16P
2.5 A single high-side smart power switch
04-Oct-2011
L6370Q STMICROELECTRONICS-L6370Q Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
L6370QTR STMICROELECTRONICS-L6370QTR Datasheet
329Kb / 17P
2.5 A single high-side smart power switch
24-Jan-2013
More results


Similar Description - L6370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Jul-1998
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com