Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8201ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8201ACPZN-R7
Description  DC to 30GHz, RF Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8201ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8201ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADL8201
analog.com
Rev. 0 | 3 of 13
SPECIFICATIONS
0.01GH
z TO 20GHz FREQUENCY RANGE
TCASE = 25°C and the device has a 50Ω system, unless otherwise noted.
Table 1. 0.1GHz to 20GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE (f)
0.01
20
GHz
INSERTION LOSS
0.3
dB
Variation over Temperature
0.0036
dB/°C
RETURN LOSS
RFIN
22.5
dB
RFOUT
22
dB
FLAT LEAKAGE
17
dBm
Input power (PIN) = 30dBm
RECOVERY TIME
<10
ns
RF INPUT
Input Power for 1dB Compression (IP1dB)
16
dBm
Input Power for 5dB Compression (IP5dB)
21
dBm
Input Third-Order Intercept (IIP3)
38.5
dBm
Measurement taken at output power (POUT) per tone = 0dBm
Input Second-Order Intercept (IIP2)
81
dBm
Measurement taken at POUT per tone = 0dBm
20GH
z TO 30GHz FREQUENCY RANGE
TCASE = 25°C and the devices is a 50Ω system, unless otherwise noted.
Table 2. 20GHz to 30GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
20
30
GHz
INSERTION LOSS
0.7
dB
Variation over Temperature
0.01
dB/°C
RETURN LOSS
RFIN
18
dB
RFOUT
17
dB
FLAT LEAKAGE
15
dBm
PIN = 30dBm
RECOVERY TIME
<10
ns
RF INPUT
IP1dB
15
dBm
IP5dB
20.5
dBm
IIP3
28
dBm
Measurement taken at POUT per tone = 0dBm
IIP2
48.5
dBm
Measurement taken at POUT per tone = 0dBm, f = 24GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com