Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8201ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8201ACPZN-R7
Description  DC to 30GHz, RF Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8201ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL8201ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
ADL8201
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 13
POWER HANDLING CAPABILITIES
Table 3. Power Survivability vs. Frequency, Pulse Width = 10μs, Duty Cycle = 1%, TCASE = 85°C, Single Event (<10sec Operation)
Frequency
2GHz
4GHz
6GHz
Power Handling Rating
>44dBm
43.5dBm
43dBm
Table 4. Power Survivability vs. Pulse Width, f = 6GHz, Duty Cycle = 1%, TCASE = 85°C, Single Event (<10sec Operation)
Pulse Width
1μs
10μs
100μs
500μs
Power Handling Rating
44.5dBm
43dBm
42dBm
41dBm
Table 5. Power Survivability vs. Duty Cycle, f = 6GHz, Pulse Width = 10μs, TCASE = 85°C, Single Event (<10sec Operation)
Duty Cycle
1%
10%
20%
Continuous Wave
Power Handling Rating
43dBm
42.5dBm
41.5dBm
37dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com