Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8201ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8201ACPZN-R7
Description  DC to 30GHz, RF Limiter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8201ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL8201ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8201ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
ADL8201
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 13
Table 6. Absolute Maximum Ratings
Parameter
Rating
Temperature
Storage Range
−65°C to +150°C
Operating Range
−55°C to +125°C
Maximum Channel
175°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADL8201
Table 7. ADL8201, 8-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±1500
1C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com