Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC001 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC001_06 Datasheet HTML 1Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 2Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Test Loads (Continued)
Pin Descriptions
Pin #
Name
Description
1V
BB
Optional, bias voltage (may be used to bias inputs) - see device operation
section for details. If unused leave as no connect (NC).
2V
IN+
Positive input pin
3V
IN-
Negative input pin
4R
REF
Output driver level control. Connect a resistor to ground to set output voltage
swing.
5V
SS
Negative power supply
6
SDO
Serial data true output
7
SDO
Serial data complement output
8V
DD
Positive power supply
10132903
FIGURE 2. Test Circuit
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com