Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC001 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC001_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 9Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 10Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Device Operation (Continued)
A typical LVDS input connection is shown in Figure 9. The
media is driven differentially by an LVDS driver. The line is
terminated with a termination resistor equal to the imped-
ance of the line being driven. The actual resistor value is
media specific, but typically is between 100 and 120
Ω. This
resistor should be located close to the CLC001 inputs pins to
minimize the resulting stub length between the resistor and
device pads. The CLC001 supports ±100mV thresholds
across the entire LVDS common mode range of 0.1V to 2.3V
for a 200mV differential signal.
10132909
FIGURE 9. LVDS, DC-coupled
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com