Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC001 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC001_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 9Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 10Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Device Operation (Continued)
Figure 5 shows the CLC001 with an AC-coupled, single
ended input connection. The 82.5
Ω resister in parallel with
825
Ω gives the equivalent termination resistance of 75Ω.
R
BB set at 5k
Ω provides 1.25V of DC bias to the input.
A typical DC-coupled, twisted pair cable connection is shown
in Figure 6. The CLC001 is driven differentially. The line is
terminated with a termination resistor equal to the imped-
ance of the line being driven. The actual resistor value is
media specific, but typically is between 100 and 120
Ω de-
pending upon the cable. This resistor should be located
close to the CLC001 inputs pins to minimize the resulting
stub length between the resistor and device pads.
10132905
FIGURE 5. Single Ended 75
Ω Coaxial Cable, AC-coupled
10132906
FIGURE 6. Twisted Pair Cable, DC-coupled
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com