Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC001 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC001_06 Datasheet HTML 2Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 3Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 4Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 5Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 6Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 7Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 8Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 9Page - National Semiconductor (TI) CLC001_06 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Device Operation
INPUT INTERFACING
Numerous input configurations exist for applying PECL,
LVPECL, and LVDS signals to the input of the CLC001.
Inputs may be single-ended or differential, AC or DC
coupled.
The V
BB pin may be used to provide a DC bias voltage to the
inputs. Leave this pin as a no connect when no bias is
needed. Note that DC-coupled inputs such as direct LVDS
and LVPECL connections are self-biasing and do not require
use of the V
BB pin. IBB, the current produced by the VBB pin,
depends on R
REF. For a given RREF, the IBB current will
remain constant, and the bias voltage is determined by the
value of resistance, R
BB, between the VBB pin and ground.
Figure 3 and Figure 4 show how R
BB corresponds to some
common V
BB values with RREF held at 1.91 k
Ω and 1.5 kΩ,
respectively. Some common input configurations are shown
in Figure 5 through Figure 9.
10132911
FIGURE 3. R
BB vs. VBB for RREF = 1.91 k
Ω
10132912
FIGURE 4. R
BB vs. VBB for RREF = 1.5 k
Ω
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com