Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9131 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA9131 Datasheet HTML 32Page - Renesas Technology Corp DA9131 Datasheet HTML 33Page - Renesas Technology Corp DA9131 Datasheet HTML 34Page - Renesas Technology Corp DA9131 Datasheet HTML 35Page - Renesas Technology Corp DA9131 Datasheet HTML 36Page - Renesas Technology Corp DA9131 Datasheet HTML 37Page - Renesas Technology Corp DA9131 Datasheet HTML 38Page - Renesas Technology Corp DA9131 Datasheet HTML 39Page - Renesas Technology Corp DA9131 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
DA9131 Datasheet
R16DS0576EJ0300
Rev.03.00
July 18, 2025
CFR0011-120-00
Page 36
Bit
Type
Symbol
Description
[1]
RW
M_PG2_STAT
PG2 status IRQ mask. Initial value is determined by CONF pin setting at
the start-up if CONF_EN = 1, see section 5.2.3.3
[0]
RW
M_PG1_STAT
PG1 status IRQ mask. Initial value is determined by CONF pin setting at
the start-up if CONF_EN = 1, see section 5.2.3.3
Table 33. SYS_CONFIG_0 (0x0B)
Bit
Type
Symbol
Description
[7:4]
RW
CH1_DIS_DLY
Delay for CH1 disable. Active with GPIO configured as EN1&EN2 control
and IC_EN control. Initial value is determined by CONF pin setting at the
start-up in CONF_EN = 1
Value
Description
0x0
0
0x1
1.0 ms
0x2
2.0 ms
0x3
3.0 ms
0x4
4.0 ms
0x5
5.0 ms
0x6
6.0 ms
0x7
7.0 ms
0x8
8.0 ms
0x9
9.0 ms
0xA
10.0 ms
0xB
11.0 ms
0xC
12.0 ms
0xD
13.0 ms
0xE
14.0 ms
0xF
15.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com