Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9131 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA9131 Datasheet HTML 17Page - Renesas Technology Corp DA9131 Datasheet HTML 18Page - Renesas Technology Corp DA9131 Datasheet HTML 19Page - Renesas Technology Corp DA9131 Datasheet HTML 20Page - Renesas Technology Corp DA9131 Datasheet HTML 21Page - Renesas Technology Corp DA9131 Datasheet HTML 22Page - Renesas Technology Corp DA9131 Datasheet HTML 23Page - Renesas Technology Corp DA9131 Datasheet HTML 24Page - Renesas Technology Corp DA9131 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
DA9131 Datasheet
R16DS0576EJ0300
Rev.03.00
July 18, 2025
CFR0011-120-00
Page 21
Figure 10. Thermal protection operation
5.2
Internal Circuits
5.2.1
IC_EN/Chip Enable/Disable
IC_EN is the chip enable/disable control input. When IC_EN = 0, all blocks except for low IQ POR are powered -
down and the buck output is pulled -down.
5.2.2
nIRQ/Interrupt
The interrupt triggers events. Trigger conditions and control registers f or each interrupt event are listed in
Table 13.
Some of these events are categorized as fault events and affect device operation (f or example, buck disable),
see section 5.1.7.
Table 13. Interrupt list
Name
Trigger
IRQ Status register
IRQ Mask register
Deglitch
period
Thermal
warning
(event)
TJ rising above TWARN
E_TEMP_WARN
M_TEMP_WARN
0 s
Thermal critical
(event)
TJ rising above TCRIT
E_TEMP_CRIT
M_TEMP_CRIT
0 s
System good
(event)
Buck1 power-good or Buck2
power-good event
E_SG
M_SG
0 s
Buck1 power-
good
(event)
Buck1 VOUT is in power-good
voltage range
(not under- or over-voltage)
E_PG1
M_PG1
0 s
Buck2 power-
good
(event)
Buck2 VOUT is in power-good
voltage range
(not under- or over-voltage)
E_PG2
M_PG2
0 s
Buck1
over-voltage
(event)
Buck1 VOUT rising above over-
voltage
threshold (target voltage + 150 mV)
E_OV1
M_OV1
Rise: 8 µs
Fall: 8 µs
Warning Flag
TCRIT
Junction
Temperature
TWARN
Critical Flag
IRQ
IRQ
Buck1 and Buck2 Shutdown
Buck Enable
I2C Bus
Write
1
to CH<x>_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com