Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9131 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA9131 Datasheet HTML 51Page - Renesas Technology Corp DA9131 Datasheet HTML 52Page - Renesas Technology Corp DA9131 Datasheet HTML 53Page - Renesas Technology Corp DA9131 Datasheet HTML 54Page - Renesas Technology Corp DA9131 Datasheet HTML 55Page - Renesas Technology Corp DA9131 Datasheet HTML 56Page - Renesas Technology Corp DA9131 Datasheet HTML 57Page - Renesas Technology Corp DA9131 Datasheet HTML 58Page - Renesas Technology Corp DA9131 Datasheet HTML 59Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
DA9131 Datasheet
R16DS0576EJ0300
Rev.03.00
July 18, 2025
CFR0011-120-00
Page 57
11. Layout Guidelines
Figure 20. DA9131 footprint
Additional inf ormation:
▪ Standard pads are 0.85 mm x 0.3 mm with 0.05 mm radius corners.
▪ Solder paste aperture is the same size as the copper pads
▪ Solder mask is 0.05 mm over size. That is 0.95 mm x 0.4 mm with 0.1 mm radius corners.
▪ Solder paste on custom pads is split into multiple apertures meeting standard area coverage of 30 to 70 %.
11.1 Custom Pads Details
Figure 21. DA9131 footprint details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com