Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9131 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9131
Description  High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9131 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9131 Datasheet HTML 7Page - Renesas Technology Corp DA9131 Datasheet HTML 8Page - Renesas Technology Corp DA9131 Datasheet HTML 9Page - Renesas Technology Corp DA9131 Datasheet HTML 10Page - Renesas Technology Corp DA9131 Datasheet HTML 11Page - Renesas Technology Corp DA9131 Datasheet HTML 12Page - Renesas Technology Corp DA9131 Datasheet HTML 13Page - Renesas Technology Corp DA9131 Datasheet HTML 14Page - Renesas Technology Corp DA9131 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
DA9131 Datasheet
R16DS0576EJ0300
Rev.03.00
July 18, 2025
CFR0011-120-00
Page 11
3.4
Thermal Specifications
Table 6. Package ratings
Parameter
Description
Conditions
Min
Typ
Max
Unit
θJA
Package thermal resistance
Note 1
21.21
°C/W
θJB
Thermal resistance junction
to board
Note 1
12.37
°C/W
θJC
Thermal resistance junction
to case
Without PCB
32
°C/W
Note 1
Obtained from package thermal simulations, JEDEC 2S2P four layer board (76.2 mm x 114 mm x 1.6 mm), 70 μm
(2 oz)
copper thickness power planes, 35 μm (1 oz) copper thickness signal layer traces, natural convection (still
air), see section 9.1.
3.4.1
Power Dissipation
Table 7. Power dissipation
Parameter
Description
Conditions
Min
Typ
Max
Unit
PD_Twarn
Power dissipation
@105 °C ambient, TJ_WARN
0.94
W
PD_Tcrit
Power dissipation
@105 °C ambient, TCRIT
1.18
1.65
W
Figure 5. Power derating curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com