Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1069-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1069-6 Datasheet HTML 2Page - Analog Devices LTC1069-6 Datasheet HTML 3Page - Analog Devices LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices LTC1069-6 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1164-6
11646fa
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
THD + Noise vs RMS Input for
Single 5V (Elliptic Response)
INPUT (VRMS)
1164-6 G18
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
0.1
1
2
A
B
A. GND = 2.5V
B. GND = 2V
(fCLK/fC) = 100:1 OR 50:1
fIN = 1kHz, TA = 25°C
THD + Noise vs RMS Input
(Elliptic Response)
INPUT (VRMS)
0.1
15
1164-6 G17
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
VS = ±7.5V
VS = ±5V
(fCLK/fC) = 100:1 OR 50:1
fIN = 1kHz, TA = 25°C
Power Supply Current vs Power
Supply Voltage
POWER SUPPLY (V+ OR V–)
0
12
11
10
9
8
7
6
5
4
3
2
1
0
13
6
8
1164-6 G19
10
24
5
7
9
–55
°C
25
°C
125
°C
1ms/DIV
1164-6 G21
VS = ±7.5V, VIN = ±3V 100Hz SQUARE WAVE
fCLK = 800kHz, (fCLK/fC) = 160:1, fCUTOFF = 5kHz
LINEAR PHASE RESPONSE
Transient Response
Transient Response
1164-6 G20
1ms/DIV
VS = ±7.5V, VIN = ±3V 100Hz SQUARE WAVE
fCLK = 500kHz, (fCLK/fC) = 100:1, fCUTOFF = 5kHz
ELLIPTIC RESPONSE
at least a 1
µF capacitor (Figure 2). For single 5V operation
at the highest fCLK of 1MHz, Pins 3 and 5 should be biased
at 2V. This minimizes passband gain and phase variations
(see Typical Performance Characteristics curves: Maxi-
mum Passband for Single 5V, 50:1; and THD + Noise vs
RMS Input for Single 5V, 50:1).
V+ (Pins 4, 12):The V+ (Pin 4) and the V – (Pin 12) should
be bypassed with a 0.1
µF capacitor to an adequate analog
ground. The filter’s power supplies should be isolated
from other digital or high voltage analog supplies. A low
noise linear supply is recommended. Using a switching
power supply will lower the signal-to-noise ratio of the
filter. The supply during power-up should have a slew rate
less than 1V/
µs. When V+ is applied before V– and V–
(14-Lead Dual-In-Line Package)
PI FU CTIO S
NC (Pins 1, 8, 13): Pins 1, 8, and 13 are not connected to
any internal circuit point on the device and should prefer-
ably be tied to analog ground.
VIN (Pin 2): The input pin is connected internally through
a 50k resistor tied to the inverting input of an op amp.
GND (Pins 3, 5): The filter performance depends on the
quality of the analog signal ground. For either dual or
single supply operation, an analog ground plane sur-
rounding the package is recommended. The analog ground
plane should be connected to any digital ground at a single
point. For dual supply operation, Pins 3 and 5 should be
connected to the analog ground plane. For single supply
operation Pins 3 and 5 should be biased at 1/2 supply and
they should be bypassed to the analog ground plane with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com