Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1069-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices LTC1069-6 Datasheet HTML 10Page - Analog Devices LTC1069-6 Datasheet HTML 11Page - Analog Devices LTC1069-6 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1164-6
11646fa
S
APPLICATI
I FOR ATIO
Passband Response
The passband response of the LTC1164-6 is optimized for
a fCLK/fCUTOFF ratio of 100:1. Minimum passband ripple
occurs from 1Hz to 80% of fCUTOFF. Athough the passband
of the LTC1164-6 is optimized for ratio fCLK/fCUTOFF of
100:1, if a ratio of 50:1 is desired, connect a single pole
lowpass RC (f –3dB = 2 fCUTOFF) at the output of the filter.
The RC will make the passband gain response as flat as the
100:1 case. If the RC is omitted, and clock frequencies are
below 500kHz the passband gain will peak by 0.4dB at
90% fCUTOFF.
Table 2. Typical Passband Ripple with Single 5V Supply
(fCLK/fC) = 100:1, GND = 2V, 30kHz, Fixed Single Pole, Lowpass
RC Filter at Pin 9 (See Typical Applications)
PASSBAND
PASSBAND GAIN
FREQUENCY
(REFERENCED TO 0dB)
fCUTOFF = 1kHz
fCUTOFF = 10kHz
TA = 25°CTA = 0°CTA = 25°CTA = 70°C
% of fCUTOFF
(dB)
(dB)
(dB)
(dB)
10
0.00
0.00
0.00
0.00
20
– 0.02
0.00
0.01
0.01
30
– 0.05
– 0.01
– 0.01
0.01
40
– 0.10
– 0.02
– 0.02
0.02
50
– 0.13
– 0.03
– 0.01
0.03
60
– 0.15
– 0.01
0.01
0.05
70
– 0.18
– 0.01
0.01
0.07
80
– 0.25
– 0.08
– 0.05
0.02
90
– 0.39
– 0.23
– 0.18
– 0.05
fCUTOFF
– 2.68
– 2.79
– 2.74
– 2.68
The gain peaking can approximate a sin
χ/χ correction for
some applications. (See Typical Performance Characteristics
curve, Passband vs Frequency and fCLK at fCLK/fC = 50:1.)
When the LTC1164-6 operates with a single 5V supply and its
cutoff frequency is clock-tuned to 10kHz, an output single
pole RC filter can also help maintain outstanding passband
flatness from 0
°C to 70°C. Table 2 shows details.
Clock Feedthrough
Clock feedthrough is defined as, the RMS value of the
clock frequency and its harmonics that are present at the
filter’s output (Pin 9). The clock feedthrough is tested with
the input (Pin 2) grounded and, it depends on PC board
layout and on the value of the power supplies. With proper
layout techniques the values of the clock feedthrough are
shown in Table 3.
Table 3. Clock Feedthrough
VS
50:1
100:1
±2.5V
60
µVRMS
60
µVRMS
±5V
100
µVRMS
200
µVRMS
±7.5V
150
µVRMS
500
µVRMS
Note: The clock feedthrough at
±2.5V supplies is imbedded in the wideband noise of the filter. (The
clock signal is a square wave.)
Any parasitic switching transients during the rise and fall
edges of the incoming clock are not part of the clock
feedthrough specifications. Switching transients have fre-
quency contents much higher than the applied clock; their
amplitude strongly depends on scope probing techniques
as well as grounding and power supply bypassing. The
clock feedthrough, if bothersome, can be greatly reduced
by adding a simple R/C lowpass network at the output of
the filter (Pin 9). This R/C will completely eliminate any
switching transient.
Wideband Noise
The wideband noise of the filter is the total RMS value of
the device’s noise spectral density and it is used to
determine the operating signal-to-noise ratio. Most of its
frequency contents lie within the filter passband and it
cannot be reduced with post filtering. For instance, the
LTC1164-6 wideband noise at
±2.5V supply is 100µVRMS,
90
µVRMS of which have frequency contents from DC up to
the filter’s cutoff frequency. The total wideband noise
(
µVRMS) is nearly independent of the value of the clock.
The clock feedthrough specifications are not part of the
wideband noise.
Speed Limitations
The LTC1164-6 optimizes AC performance versus power
consumption. To avoid op amp slew rate limiting at
maximum clock frequencies, the signal amplitude should
be kept below a specified level as shown on Table 4.
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and it occurs when input frequencies close to the
sampling frequency are applied. For the LTC1164-6 case,
an input signal whose frequency is in the range of fCLK
±4%, will be aliased back into the filter’s passband. If, for
instance, an LTC1164-6 operating with a 100kHz clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com