Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC1069-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 1 Page - Analog Devices

  LTC1069-6 Datasheet HTML 1Page - Analog Devices LTC1069-6 Datasheet HTML 2Page - Analog Devices LTC1069-6 Datasheet HTML 3Page - Analog Devices LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1164-6
11646fa
Low Power 8th Order
Pin Selectable Elliptic or
Linear Phase Lowpass Filter
■ 8th Order Pin Selectable Elliptic or Bessel Filter
■ 4mA Supply Current with
±5V Supplies
■ 64dB Attenuation at 1.44 fCUTOFF (Elliptic Response)
■ fCUTOFF Up to 30kHz (50:1 fCLK to fCUTOFF Ratio)
■ 110
µVRMS Wideband Noise with ±5V Supplies
■ Operates at Single 5V Supply with 1VRMS
Input Range
■ Operates Up to
±8V Supplies
■ TTL/CMOS Compatible Clock Input
■ No External Components
■ Available in 14-Pin Dip and 16-Pin SO Wide Packages
■ Antialiasing Filters
■
Battery-Operated Instruments
■ Telecommunication Filters
The LTC
®1164-6 is a monolithic 8th order elliptic lowpass
filter featuring clock-tunable cutoff frequency and low
power supply current. Low power operation is achieved
without compromising noise or distortion performance.
At
±5V supplies the LTC1164-6 uses only 4mA supply
current while keeping wideband noise below 110
µVRMS.
With a single 5V supply, the LTC1164-6 can provide up to
10kHz cutoff frequency and 80dB signal-to-noise ratio
while consuming only 2.5mA.
The LTC1164-6 provides an elliptic lowpass rolloff with
stopband attenuation of 64dB at 1.44 fCUTOFF and an fCLK-
to-fCUTOFF ratio of 100:1 (Pin 10 to V –). For a ratio of 100:1,
fCUTOFF can be clock-tuned up to 10kHz. For a fCLK-to-
fCUTOFF ratio of 50:1 (Pin 10 to V +), the LTC1164-6
provides an elliptic lowpass filter with fCUTOFF frequencies
up to 20kHz. When Pin 10 is connected to ground, the
LTC1164-6 approximates an 8th order linear phase re-
sponse with 65dB attenuation at 4.5 f –3dB and fCLK/f –3dB
ratio of 160:1. The LTC1164-6 is pin compatible with the
LTC1064-1.
10kHz Anti-Aliasing Elliptic Filter
Frequency Response
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-6
VIN
8V
–8V
CLK = 1MHz
VOUT
WIDEBAND NOISE = 115
µVRMS
NOTE: THE CONNECTION FROM PIN 7 TO PIN 14 SHOULD BE MADE
UNDER THE PACKAGE. THE POWER SUPPLIES SHOULD BE BYPASSED
BY A 0.1
µF CAPACITOR AS CLOSE TO THE PACKAGE AS POSSIBLE.
1164-6 TA01
NC
NC
–8V
FREQUENCY (kHz)
1
0
–10
–20
–30
–40
–50
–60
–70
–80
10
100
1164-6 TA02


Similar Part No. - LTC1069-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-6 LINER-LTC1069-6 Datasheet
226Kb / 8P
Single Supply, Very Low Power, Elliptic Lowpass Filter
LTC1069-6 LINER-LTC1069-6 Datasheet
174Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
Analog Devices
LTC1069-6 AD-LTC1069-6 Datasheet
176Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
REV A
LTC1069-6 AD-LTC1069-6 Datasheet
700Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
Rev. B
LTC1069-6 AD-LTC1069-6 Datasheet
140Kb / 12P
Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
REV B
More results

Similar Description - LTC1069-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com