Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1069-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 2 Page - Analog Devices

  LTC1069-6 Datasheet HTML 1Page - Analog Devices LTC1069-6 Datasheet HTML 2Page - Analog Devices LTC1069-6 Datasheet HTML 3Page - Analog Devices LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1164-6
11646fa
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V
+ to V–) ............................. 16V
Input Voltage (Note 2) ......... (V
++ 0.3V) to (V– – 0.3V)
Output Short-Circuit Duration ......................... Indefinite
Power Dissipation ............................................. 400mW
Burn-In Voltage ...................................................... 16V
Operating Temperature Range
LTC1164-6C ...................................... – 40
°C to 85°C
LTC1164-6M (OBSOLETE) .............. – 55
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
NC
VIN
GND
V+
GND
LP6
CONNECT 1
CONNECT 2
NC
V–
CLK
ELL/BESS
VOUT
NC
LTC1164-6CN
TJMAX = 110°C, θJA = 85°C/W
J PACKAGE 14-LEAD CERDIP
TJMAX = 150°C, θJA = 65°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1164-6CSW
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VIN
GND
V+
GND
NC
LP6
CONNECT 1
CONNECT 2
NC
V–
NC
CLK
ELL/BESS
NC
VOUT
TJMAX = 110°C, θJA = 65°C/W
LTC1164-6CJ
LTC1164-6MJ
OBSOLETE PACKAGE
Consider the N14 Package as an Alternate Source
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain 0.1Hz to 0.25 fCUTOFF (Note 4)
fIN = 1kHz, (fCLK/fC) = 100:1
●
– 0.50
– 0.15
0.25
dB
Passband Ripple with VS = Single 5V
1Hz to 0.8 fC (Table 2)
0.1 to – 0.3
dB
Gain at 0.50 fCUTOFF (Note 3)
fIN = 2kHz, (fCLK/fC) = 100:1
●
– 0.45
– 0.10
0.10
dB
Gain at 0.90 fCUTOFF (Note 3)
fIN = 3.6kHz, (fCLK/fC) = 100:1
●
– 0.75
– 0.30
0.10
dB
Gain at 0.95 fCUTOFF (Note 3)
fIN = 3.8kHz, (fCLK/fC) = 100:1
●
–1.40
– 0.70
– 0.40
dB
Gain at fCUTOFF (Note 3)
fIN = 4kHz, (fCLK/fC) = 100:1
●
– 3.70
– 2.70
– 2.30
dB
fIN = 8kHz, (fCLK/fC) = 50:1
●
– 3.10
– 2.10
– 1.50
dB
Gain at 1.44 fCUTOFF (Note 3)
fIN = 5.76kHz, (fCLK/fC) = 100:1
●
–75
– 64
– 58
dB
Gain at 2.0 fCUTOFF (Note 3)
fIN = 8kHz, (fCLK/fC) = 100:1
●
–75
–64
–58
dB
Gain with fCLK = 20kHz
fIN = 200Hz, (fCLK/fC) = 100:1
– 3.70
– 2.70
– 2.30
dB
Gain with VS = ±2.375V
fIN = 400kHz, fIN = 2kHz, (fCLK/fC) = 100:1
– 0.50
– 0.10
0.30
dB
fIN = 400kHz, fIN = 4kHz, (fCLK/fC) = 100:1
– 3.50
– 2.50
– 2.00
dB
Input Frequency Range (Tables 3, 4)
(fCLK/fC) = 100:1
0 – <fCLK/2
kHz
(fCLK/fC) = 50:1
0 – <fCLK
kHz
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VS = ±7.5V, RL = 10k, TA = 25°C, fCLK = 400kHz, TTL or CMOS level (maximum clock
rise or fall time
≤ 1µs) and all gain measurements are referenced to passband gain, unless otherwise specified. (fCLK/fCUTOFF) = 4kHz
at 100:1 and 8kHz at 50:1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com