Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005AEHZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPA7005AEHZ-R7
Description  18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005AEHZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPA7005AEHZ-R7 Datasheet HTML 6Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 7Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 8Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 9Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 10Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 11Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADPA7005
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 10 of 24
Figure 22. Output P1dB vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 1400 mA
Figure 23. Output P1dB vs. Frequency for Various IDQ, VDD = 5 V
Figure 24. PSAT vs. Frequency for Various VDD, IDQ = 1400 mA
Figure 25. Output P1dB vs. Frequency for Various VDD, IDQ = 1400 mA
Figure 26. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 1400 mA
Figure 27. PSAT vs. Frequency for Various IDQ, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com