Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005AEHZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA7005AEHZ-R7
Description  18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005AEHZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA7005AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 14Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 15Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 19Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
ADPA7005
THEORY OF OPERATION
analog.com
Rev. A | 16 of 24
The simplified architecture of the ADPA7005 power amplifier is
shown in Figure 51. The ADPA7005 is a cascaded, three-stage
amplifier with a combined gain of 15.5 dB and a PSAT value of
32 dBm.
The drain current is controlled by the voltage on the VGG1 and
VGG2 pins. These pins must be connected together and driven by
a negative voltage in the −1.5 V to 0 V range (typical gate bias
voltage for a IDQ bias of 1400 mA is −0.685 V). Simplified bias pin
connections to the dedicated gain stages are shown in Figure 51.
A portion of the RF output signal is directionally coupled to a diode
for detection of the RF output power. When the diode is dc biased,
the diode rectifies the RF power and makes the RF power available
for measurement as a dc voltage at VDET. To allow temperature
compensation of VDET, an identical and symmetrically located
circuit (minus the coupled RF power) is available via VREF. The
difference of VREF − VDET provides a temperature compensated
signal that is proportional to the RF output.
To obtain optimal performance from the ADPA7005 and avoid
damaging the device, follow the recommended biasing sequences
described in the Applications Information section.
Figure 51. Simplified Architecture of ADPA7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com