Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005AEHZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPA7005AEHZ-R7
Description  18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005AEHZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPA7005AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 19Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 20Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 21Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 22Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 23Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Data Sheet
ADPA7005
BIASING ADPA7005 WITH THE HMC980LP4E
analog.com
Rev. A | 22 of 24
HMC980LP4E BIAS SEQUENCE
The dc supply sequencing in the Power-Up Sequence section and
the Power-Down Sequence section is required to prevent damage
to the HMC980LP4E when using it to control the ADPA7005.
Power-Up Sequence
The power-up sequence is as follows:
1. Set VDIG (Pin 9) of both HMC980LP4E devices to 3.3 V.
2. Set the VDD pins of both HMC980LP4E devices to 5.765 V.
3. Set VNEG (Pin 15) of both HMC980LP4E devices to −1.5 V.
This step is not needed if using an internally generated voltage.
4. Set EN (Pin 5) of both HMC980LP4E devices to 3.3 V (transi-
tioning from 0 V to 3.3 V turns on VGATE and VDRAIN).
Power-Down Sequence
The power-down sequence is as follows:
1. Set EN (Pin 5 of both HMC980LP4E devices) to 0 V (transition-
ing from 3.3 V to 0 V turns off VDRAIN and VGATE).
2. Set VNEG (Pin 15 of both HMC980LP4E devices) to 0 V. This
step is not needed if using an internally generated voltage.
3. Set the VDD pins of both HMC980LP4E devices to 0 V.
4. Set VDIG (Pin 9 of both HMC980LP4E devices) to 0 V.
When the HMC980LP4E bias control circuit is set up, toggle the
bias to the ADPA7005 on or off by applying 3.3 V or 0 V, respec-
tively, to the EN pin of the HMC980LP4E. At EN = 3.3 V, the
VGATE pin of the HMC980LP4E drops to −1.5 V and the VDRAIN
pin of the HMC980LP4E turns on at 5 V. VGATE then rises until
IDRAIN = 1800 mA, and the closed control loop regulates IDRAIN at
1800 mA. When EN = 0 V, VGATE is set to −1.5 V, and VDRAIN is
set to 0 V (see Figure 55 and Figure 56).
Figure 55. Turn On HMC980LP4E Outputs to ADPA7005
Figure 56. Turn Off HMC980LP4E Outputs to ADPA7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com