Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005AEHZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADPA7005AEHZ-R7
Description  18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005AEHZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPA7005AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 19Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 20Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 21Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 22Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 23Page - Analog Devices ADPA7005AEHZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADPA7005
BIASING ADPA7005 WITH THE HMC980LP4E
analog.com
Rev. A | 23 of 24
CONSTANT DRAIN CURRENT BIASING VS.
CONSTANT GATE VOLTAGE BIASING
The HMC980LP4E uses a feedback loop to continuously adjust
VGATE to maintain a constant drain current over dc supply varia-
tion, temperature, RF input and output level, and device to device
variation. Constant drain current bias is the preferred method for re-
ducing time in calibration procedures and for maintaining consistent
performance over time.
In comparison to a constant gate voltage bias, where the current
increases when RF power is applied, a constant drain current has a
slightly lower output P1dB. This output P1db is shown in Figure 60,
where the RF performance is slightly lower than constant gate bias
voltage operation due to a lower drain current at high input power
(see Figure 57) as the HMC980LP4E reaches 1 dB compression.
The output P1dB performance for constant drain current bias can
be increased toward constant gate voltage bias performance by
increasing the set current toward the IDD value it reaches under RF
drive in the constant gate voltage bias condition (see Figure 60).
The limit of increasing drain current under the constant current
operation is set by the thermal limitations found in Table 5 with
the maximum power dissipation specification. As the IDD increase
continues, the actual output P1dB does not continue to increase
indefinitely but the power dissipation increases linearly. Therefore,
take the trade-off between the power dissipation and output P1dB
performance into consideration when using constant drain current
biasing.
Figure 57. Drain Current vs. PIN, VDD = 5 V, Frequency = 32 GHz, Constant
Drain Current Bias (IDRAIN Setpoint = 1.8 A) and Constant Gate Voltage Bias
(VGGx ≈ −0.68 V)
Figure 58. Output Power vs. PIN, VDD = 5 V, Frequency = 32 GHz, Constant
Drain Current Bias (IDRAIN Setpoint = 1.8 A) and Constant Gate Voltage Bias
(VGGx ≈ −0.68 V)
Figure 59. PAE vs. PIN, VDD = 5 V, Frequency = 32 GHz, Constant Drain
Current Bias (IDRAIN Setpoint = 1.8 A) and Constant Gate Voltage Bias (VGGx ≈
−0.68 V)
Figure 60. Output P1dB vs. Frequency, VDD = 5 V, Constant Drain Current
Bias (IDRAIN Setpoint = 1.8 A) and Constant Gate Voltage Bias
(VGGx ≈ −0.68 V))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com