Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941C Datasheet(PDF) 4 Page - Analog Devices

Part # TLE4941C
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941C Datasheet(HTML) 4 Page - Analog Devices

  TLE4941C Datasheet HTML 1Page - Analog Devices TLE4941C Datasheet HTML 2Page - Analog Devices TLE4941C Datasheet HTML 3Page - Analog Devices TLE4941C Datasheet HTML 4Page - Analog Devices TLE4941C Datasheet HTML 5Page - Analog Devices TLE4941C Datasheet HTML 6Page - Analog Devices TLE4941C Datasheet HTML 7Page - Analog Devices TLE4941C Datasheet HTML 8Page - Analog Devices TLE4941C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VBAT = 13.6V, VSLEEP = 5V, IN1 = IN2 = no connection, RSET = 61.9kΩ to BAT, RPU = 10kΩ at DOUT1 and DOUT2, RL = 5kΩ to
GND at AOUT1 and AOUT2, unless otherwise noted, TA = -40ºC to +125ºC. Typical values are at TA = +25ºC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
BAT Supply Range
VBAT
Guaranteed by functional test of IIH, IIL,
and GEI
5.5
18
V
BAT Supply Current
IBAT
Normal mode
1
mA
ISD
VSLEEP = 0V
1
10
µA
Hall Input Voltage Dropout
VDO
VBAT = 5.5V, at IN1 and IN2, IIN = -14mA
0.59
1.26
V
VBAT = 5.5V, at IN1 and IN2, IIN = -20mA
0.86
1.86
ESD Protection
Machine Model
±200
V
Human Body Model
±2000
INPUT THRESHOLDS FOR DOUT1, DOUT2 SWITCHING
Input Current for Output High
(Note 2)
IIH
RSET = 95.3kΩ
-7.7
mA
RSET = 52.3kΩ
-14
Input Current for Output Low
(Note 2)
IIL
RSET = 95.3kΩ
-5
mA
RSET = 52.3kΩ
-9
Input Current Hysteresis for
High/Low Detection
IIN_HYS
Peak-to-peak as percent of average high/
low threshold (Note 2)
8
%
Channel-to-Channel Input
Threshold Variation
High threshold
0.02
mA
Low threshold
0.02
Short-Circuit Current Limit
ISC
A short to GND is not a sustained
condition, Hall input reverts to -50µA when
detected (Note 2)
-20
mA
AOUT1, AOUT2 ANALOG OUTPUTS
Current Gain for AOUT1 and
AOUT2 Outputs
GI
-18mA ≤ IIN ≤ -2mA
0.05
mA/mA
Current Gain Error for AOUT1
and AOUT2 Outputs
GEI
IIN = -5mA, -14mA
0.2
±1.7
%
Input Referred Current Offset
IOS
Inferred from measurements at
IIN = -5mA, -14mA
-120
+120
µA
AOUT_ Dropout Voltage
VBAT = 5.5V, for 5%
current reduction
IIN = -14mA
0.85
1.6
V
IIN = -20mA
1.09
1.75
AOUT_ Output Impedance
500
MΩ
LOGIC I/O (DOUT1, DOUT2)
Output-Voltage Low DOUT1,
DOUT2
VOL
Sink current = 1mA
0.4
V
Three-State Output Current
DOUT1, DOUT2
IOZ
VSLEEP = 0V, 0V ≤ VDOUT_ ≤ 5V
±1
µA
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 4
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com