Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941C Datasheet(PDF) 8 Page - Analog Devices

Part # TLE4941C
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941C Datasheet(HTML) 8 Page - Analog Devices

Back Button TLE4941C Datasheet HTML 4Page - Analog Devices TLE4941C Datasheet HTML 5Page - Analog Devices TLE4941C Datasheet HTML 6Page - Analog Devices TLE4941C Datasheet HTML 7Page - Analog Devices TLE4941C Datasheet HTML 8Page - Analog Devices TLE4941C Datasheet HTML 9Page - Analog Devices TLE4941C Datasheet HTML 10Page - Analog Devices TLE4941C Datasheet HTML 11Page - Analog Devices TLE4941C Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
(VBAT = 13.6V, RSET = 61.9kΩ, RL = 5kΩ to GND at AOUT_, VSLEEP = 5V, TA = +25ºC, unless otherwise noted.)
HALL INPUT CURRENT THRESHOLDS
vs. ISET RESISTOR
RESISTANCE (kΩ)
90
80
70
60
6
8
10
12
14
16
4
50
100
LOW TO HIGH
HIGH TO LOW
INPUT BLANKING TIME AT RESTART
FROM SLEEP MODE (OR POWER-UP)
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
-25 -10 5
35 50 65
20
80
65
70
75
80
85
90
95
100
60
-40
125
IN-CURRENT RAMP RATE AFTER
TURN-ON vs. TEMPERATURE
TEMPERATURE (°C)
110
95
-25 -10 5
35 50 65
20
80
3
4
5
6
7
8
9
10
2
-40
125
DELAY FROM IN_ TO DOUT_ (FILTER DELAY)
vs. TEMPERATURE
TEMPERATURE (ºC)
100
75
50
25
0
-25
5
10
15
20
0
-50
125
DELAY DIFFERENCE BETWEEN CHANNELS
vs. TEMPERATURE
TEMPERATURE (ºC)
100
75
50
25
0
-25
100
300
500
700
900
-100
-50
125
MAXIMUM FREQUENCY ON
HALL INPUTS vs. TEMPERATURE
TEMPERATURE (ºC)
100
75
50
25
0
-25
20
30
40
50
60
10
-50
125
IN1
IN2
IN_ PULSE LENGTH REJECTED BY FILTER
TO DOUT_ vs. TEMPERATURE
TEMPERATURE (ºC)
100
75
25
50
0
-25
2
4
6
8
10
12
14
16
18
20
0
-50
125
POSITIVE PULSE
NEGATIVE PULSE
INPUT DROPOUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5 20 35 50
-25
0.35
0.45
0.55
0.65
0.75
0.85
0.95
1.05
1.15
0.25
-45
125
VBAT = 5.5V
IIN1 = -14mA
INPUT DROPOUT VOLTAGE
vs. VBAT
VBAT (V)
0.35
0.45
0.55
0.65
0.75
0.85
0.95
1.05
1.15
0.25
5.50
8.00
10.50
13.00
15.50
18.00
IIN1 = -14mA
TA = +125°C
TA = +25°C
TA = -40°C
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
Maxim Integrated │ 8
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com