Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941C Datasheet(PDF) 12 Page - Analog Devices

Part # TLE4941C
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941C Datasheet(HTML) 12 Page - Analog Devices

Back Button TLE4941C Datasheet HTML 8Page - Analog Devices TLE4941C Datasheet HTML 9Page - Analog Devices TLE4941C Datasheet HTML 10Page - Analog Devices TLE4941C Datasheet HTML 11Page - Analog Devices TLE4941C Datasheet HTML 12Page - Analog Devices TLE4941C Datasheet HTML 13Page - Analog Devices TLE4941C Datasheet HTML 14Page - Analog Devices TLE4941C Datasheet HTML 15Page - Analog Devices TLE4941C Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Hall Input Short-to-Battery Condition
The MAX9621 interprets a short to battery when the volt-
age at IN1 or IN2 is higher than VBAT - 100mV. The digital
outputs go low and the analog outputs are set to zero
output current. If IN1 or IN2 is more than 1V above VBAT,
it back-drives current into BAT. The MAX9621 restarts the
Hall inputs when the Hall input is loaded again.
Hall Input Short to Ground
The Hall input short-to-ground fault is effectively a latched
condition if the input remains loaded by the Hall switch.
The current required to power the Hall switch is shut off
and only a 50μA pullup current remains. The Hall input
can be manually reenergized or it can be reenergized by
the μP. A 10μs to 20μs negative pulse at SLEEP restarts
with a blanking cycle any Hall input that has been shut
down due to the short-to-ground condition. During startup
or restart, it is possible for a Hall input to charge up an
external capacitance of 0.02μF without tripping into a
short-to-ground latched state. During the short-to-ground
fault, DOUT1 and DOUT2 are high impedance (pulled
high by the pullup resistors), while AOUT1 and AOUT2
are set to zero-output current.
Manual Method for Reenergizing Hall
Sensor and Means for Diagnosing an
Intermittent Hall Sensor Connection
Figure 3 shows the behavior of the MAX9621 when a
Hall input is open. Figure 4 shows the behavior of the
MAX9621 when the open input is reconnected to a Hall
sensor. Figures 3 and 4 demonstrate how a short-to-
ground Hall input can be reset. Resetting a short-to-
ground Hall input involves three steps:
1) Relieve the short to ground at the Hall sensor.
2) Disconnect the Hall input from the Hall sensor (open-
input fault condition).
3) Reconnect the Hall input to the Hall sensor.
The MAX9621 restarts the Hall input with a blanking
cycle. If the Hall input is disconnected from the Hall sen-
sor for 10ms, it allows the Hall input to be pulled up by
the 50µA pullup current to register the open-input fault
condition. Reconnecting the Hall input to the Hall sensor
restarts the Hall input with a blanking cycle. This provides
a manual means of reenergizing a Hall input without hav-
ing to resort to the µP to restart it. This also demonstrates
the behavior of an intermittent connection to a Hall sensor.
Figure 3. Hall Input Ramps to Open-Circuit Fault When a Short to Ground Is Relieved
Table 1. AOUT_/DOUT_ Truth Table
*If IN_ is already shorted to BAT or open during power-up,
DOUT_ goes to high-Z until IN_ is loaded.
CONDITION
AOUT_
DOUT_
IN_ Short to GND
0
High-Z
IN_ Short to BAT or IN_ Open
0
Low*
SLEEP
Low
0
High-Z
VBAT > 18V
0
Low*
14V
VIN_
VBAT - 25mV
HALL INPUT
OPEN-CIRCUIT
FAULT
5mV/ms
IIN_
50µA
0V
0A
TIME
TIME
HALL INPUT
SHORT-TO-
GROUND FAULT
HALL INPUT
DISCONNECTED
FROM SENSOR
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com