Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941C Datasheet(PDF) 10 Page - Analog Devices

Part # TLE4941C
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TLE4941C Datasheet(HTML) 10 Page - Analog Devices

Back Button TLE4941C Datasheet HTML 6Page - Analog Devices TLE4941C Datasheet HTML 7Page - Analog Devices TLE4941C Datasheet HTML 8Page - Analog Devices TLE4941C Datasheet HTML 9Page - Analog Devices TLE4941C Datasheet HTML 10Page - Analog Devices TLE4941C Datasheet HTML 11Page - Analog Devices TLE4941C Datasheet HTML 12Page - Analog Devices TLE4941C Datasheet HTML 13Page - Analog Devices TLE4941C Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PIN
NAME
FUNCTION
1
BAT
Battery Power Supply. Connect to the positive supply through an external reverse-polarity diode. Bypassed
to GND with a 0.1µF capacitor.
2
ISET
Current Setting Input. Place a 1% resistor (RSET) between BAT and ISET to set the desired input current
threshold range for the DOUT_ outputs. See the Typical Operating Characteristics section for the correct
value of RSET for the desired range. Make no other connections to this pin. All routing must have low
parasitic capacitance. See the Input Current Thresholds and Short to Ground section.
3
IN1
Hall-Effect Sensor Input 1. Supplies current to the Hall sensor and monitors the current level drawn to
determine the high/low state of the sensor. Bypass to GND with a 0.01µF capacitor. Connect an unused
input to BAT pin.
4
IN2
Hall-Effect Sensor Input 2. Supplies current to the Hall sensor and monitors the current level drawn to
determine the high/low state of the sensor. Bypass to GND with a 0.01µF capacitor. Connect an unused
input to BAT pin.
5
GND
Ground
BAT
SLEEP
AOUT1
DOUT1
AOUT2
DOUT2
IN2
GND
ISET
IN1
µMAX
TOP VIEW
+
MAX9621
1
4
5
2
3
10
9
8
7
6
MAX9621
Dual, 2-Wire Hall-Effect Sensor Interface
with Analog and Digital Outputs
www.maximintegrated.com
Maxim Integrated │ 10
Pin Description
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com