Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918ADTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6918ADTR
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918ADTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6918ADTR Datasheet HTML 8Page - STMicroelectronics L6918ADTR Datasheet HTML 9Page - STMicroelectronics L6918ADTR Datasheet HTML 10Page - STMicroelectronics L6918ADTR Datasheet HTML 11Page - STMicroelectronics L6918ADTR Datasheet HTML 12Page - STMicroelectronics L6918ADTR Datasheet HTML 13Page - STMicroelectronics L6918ADTR Datasheet HTML 14Page - STMicroelectronics L6918ADTR Datasheet HTML 15Page - STMicroelectronics L6918ADTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
L6918 L6918A
12/35
Figure 2. ROSC vs. Switching Frequency
DIGITAL TO ANALOG CONVERTER (ONLY FOR MASTER DEVICE L6918A)
The built-in digital to analog converter allows the adjustment of the output voltage from 1.100V to 1.850V with
25mV as shown in the previous table 1. The internal reference is trimmed to ensure the precision of ±0.6% and
a zero temperature coefficient around the 70° C. The internal reference voltage for the regulation is programmed
by the voltage identification (VID) pins. These are TTL compatible inputs of an internal DAC that is realized by
means of a series of resistors providing a partition of the internal voltage reference. The VID code drives a mul-
tiplexer that selects a voltage on a precise point of the divider. The DAC output is delivered to an amplifier ob-
taining the VPROG voltage reference (i.e. the set-point of the error amplifier). Internal pull-ups are provided for
the VID pins (realized with a 5
µA current generator); in this way, to program a logic "1" it is enough to leave the
pin floating, while to program a logic "0" it is enough to short the pin to GND.
The voltage identification (VID) pin configuration also sets the power-good thresholds (PGOOD) and the Over/
Under voltage protection (OVP/UVP) thresholds.
The reference for the regulation is generated into the master device and delivered to the slave device through
the VPROG_OUT / VPROG_IN pins.
Programming the "11111" VID code, the device enters the NOCPU state: both devices keeps all mosfets OFF
and the condition is latched. Cycle the power supply to restart operation. Moreover, in this condition, the OVP
protection is still active into the slave device with a 0.8V threshold.
SOFT START AND INHIBIT
At start-up a ramp is generated from the master device increasing its loop reference from 0V to the final value
programmed by VID in 2048 clock periods. The same reference is present on the VPROG_OUT pin, producing
an increasing loop reference also into the slave device. In this way all the devices involved in the multi-phase
conversion start together with the same increasing reference (See Figure 3).
Before soft start, the lower power MOS are turned ON after that VCCDR reaches 2V (independently by Vcc val-
ue) to discharge the output capacitor and to protect the load from high side mosfet failures. Once soft start be-
gins, the reference is increased and also the upper MOS begins to switch: the output voltage starts to increase
with closed loop regulation. At the end of the digital soft start, the Power Good comparator is enabled and the
PGOOD signal is then driven high (See fig. 3). The Under Voltage comparator is enabled when the reference
voltage reaches 0.8V.
The Soft-Start will not take place, if both VCC and VCCDR pins are not above their own turn-on thresholds. The
soft-start takes place, and the Master device starts to increase the reference, only if the SLAVE_OK bus is at
high level. The Slave device keeps this line shorted to GND until it is ready for the start-up while the master
keeps this line free before soft-start; anyway, this line is shorted to GND if VCC and VCCDR are not above the
turn-ON threshold. During normal operation, if any under-voltage is detected on one of the two supplies, the
devices are shutdown.
0
1000
2000
3000
4000
5000
6000
7000
0
100
200
300
Frequency (KHz)
0
100
200
300
400
500
600
700
800
900
1000
300
400
500
600
Frequency (KHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com