Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918ADTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6918ADTR
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918ADTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6918ADTR Datasheet HTML 10Page - STMicroelectronics L6918ADTR Datasheet HTML 11Page - STMicroelectronics L6918ADTR Datasheet HTML 12Page - STMicroelectronics L6918ADTR Datasheet HTML 13Page - STMicroelectronics L6918ADTR Datasheet HTML 14Page - STMicroelectronics L6918ADTR Datasheet HTML 15Page - STMicroelectronics L6918ADTR Datasheet HTML 16Page - STMicroelectronics L6918ADTR Datasheet HTML 17Page - STMicroelectronics L6918ADTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
L6918 L6918A
14/35
Figure 4. Drivers peak current: High Side (left) and Low Side (right)
CURRENT READING AND OVER CURRENT
Each device involved in the four phase conversion has its own current reading circuitry and over current protec-
tion. As a results, the OCP network design for each device must be performed fort half of the maximum output
current.
The current flowing trough each phase is read using the voltage drop across the low side mosfets RDSON or
across a sense resistor (RSENSE) and internally converted into a current. The transconductance ratio is issued
by the external resistor Rg placed outside the chip between ISENx and PGNDSx pins toward the reading points.
The full differential current reading rejects noise and allows to place sensing element in different locations with-
out affecting the measurement's accuracy. The current reading circuitry reads the current during the time in
which the low-side mosfet is on (OFF Time). During this time, the reaction keeps the pin ISENx and PGNDSx
at the same voltage while during the time in which the reading circuitry is off, an internal clamp keeps these two
pins at the same voltage sinking from the ISENx pin the necessary current (Needed if low-side mosfet RdsON
sense is implemented to avoid absolute maximum rating overcome on ISENx pin).
The proprietary current reading circuit allows a very precise and high bandwidth reading for both positive and
negative current. This circuit reproduces the current flowing through the sensing element using a high speed
Track & Hold Tran conductance amplifier. In particular, it reads the current during the second half of the OFF
time reducing noise injection into the device due to the high side mosfet turn-on (See fig. 5). Track time must
be at least 200ns to make proper reading of the delivered current.
This circuit sources a constant 50
µA current from the PGNDSx pin and keeps the pins ISENx and PGNDSx at
the same voltage. Referring to figure 5, the current that flows in the ISENx pin is then given by the following
equation:
Where RSENSE is an external sense resistor or the RdsON of the low side mosfet and Rg is the transconductance
resistor used between ISENx and PGNDSx pins toward the reading points; IPHASE is the current carried by each
phase.
The current information reproduced internally is represented by the second term of the previous equation as
follow:
CH3 = HGATE1; CH4 = HGATE2
CH3 = LGATE1; CH4 = LGATE2
I
I SEN x
50
µA
R
SEN SE
I
P H ASE
⋅
R
g
---------------------------------------------
50
µAI
IN F Ox
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com