Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918ADTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6918ADTR
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918ADTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6918ADTR Datasheet HTML 19Page - STMicroelectronics L6918ADTR Datasheet HTML 20Page - STMicroelectronics L6918ADTR Datasheet HTML 21Page - STMicroelectronics L6918ADTR Datasheet HTML 22Page - STMicroelectronics L6918ADTR Datasheet HTML 23Page - STMicroelectronics L6918ADTR Datasheet HTML 24Page - STMicroelectronics L6918ADTR Datasheet HTML 25Page - STMicroelectronics L6918ADTR Datasheet HTML 26Page - STMicroelectronics L6918ADTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23/35
L6918 L6918A
AVERAGE CURRENT MODE (ACM) CONTROL LOOP
The average current mode control loop is reported in figure 15. The current information IFB sourced by the FB
pin flows into RFB implementing the dependence of the output voltage from the read current.
The ACM control loop gain results (obtained opening the loop after the COMP pin):
where:
–
is the equivalent output resistance determined by the droop function;
–ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR) and the applied
load Ro;
–ZF(s) is the compensation network impedance;
–ZL(s) is the parallel of the two inductor impedance;
– A(s) is the error amplifier gain;
–
is the ACM PWM transfer function where
∆Vosc is the oscillator ramp amplitude
and has a typical value of 2V
Removing the dependence from the Error Amplifier gain, so assuming this gain high enough, the control loop
gain results:
With further simplifications, it results:
Considering now that in the application of interest it can be assumed that Ro>>RL; ESR<<Ro and
RDROOP<<Ro, it results:
The ACM control loop gain is designed to obtain a high DC gain to minimize static error and cross the 0dB axes
with a constant -20dB/dec slope with the desired crossover frequency
ωT. Neglecting the effect of ZF(s), the
transfer function has one zero and two poles. Both the poles are fixed once the output filter is designed and the
zero is fixed by ESR and the Droop resistance.
To obtain the desired shape an RF-CF series network is considered for the ZF(s) implementation.
A zero at
ωf=1/RFCF is then introduced together with an integrator. This integrator minimizes the static error
G
LOO P s
()
PWM Z
F s
() R
DRO OP
Z
P s
()
+
()
⋅
⋅
Z
P s
() Z
L s
()
+
()
Z
F s
()
As
()
---------------
1
1
As
()
------------
+


R
FB
⋅
+
⋅
--------------------------------------------------------------------------------------------------------------------
–
=
R
DR O OP
Rsense
Rg
----------------------
R
FB
⋅
=
PWM
4
5
---
V
IN
∆V
OS C
-------------------
⋅
=
G
LOO P s
()
4
5
---
V
IN
∆V
OS C
-------------------
Z
F s
()
Z
P s
() Z
L s
()
+
------------------------------------
Rs
Rg
--------
Z
P s
()
R
FB
---------------
+


⋅⋅
⋅
–
=
G
LOO P s
()
4
5
---
V
IN
∆V
OSC
-------------------
Z
F s
()
R
FB
---------------
Ro
R
DRO OP
+
Ro
R
L
2
-------
+
-------------------------------------
1s C o
R
DRO OP//Ro
E SR
+
()
⋅⋅
+
s
2
Co
L
2
---
s
L
2Ro
⋅
---------------
Co ESR
Co
R
L
2
-------
⋅
+
⋅
+
1
+
⋅
+
⋅⋅
----------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
–
=
G
LOO P s
()
4
5
---
V
IN
∆V
OSC
-------------------
Z
F s
()
R
FB
---------------
1s Co
R
DRO OP
ESR
+
()
⋅⋅
+
s
2
Co
L
2
---
s
L
2Ro
⋅
---------------
C o ESR
Co
R
L
2
-------
⋅
+
⋅
+
1
+
⋅
+
⋅⋅
----------------------------------------------------------------------------------------------------------------------------------
⋅⋅
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com