Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918ADTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6918ADTR
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918ADTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6918ADTR Datasheet HTML 20Page - STMicroelectronics L6918ADTR Datasheet HTML 21Page - STMicroelectronics L6918ADTR Datasheet HTML 22Page - STMicroelectronics L6918ADTR Datasheet HTML 23Page - STMicroelectronics L6918ADTR Datasheet HTML 24Page - STMicroelectronics L6918ADTR Datasheet HTML 25Page - STMicroelectronics L6918ADTR Datasheet HTML 26Page - STMicroelectronics L6918ADTR Datasheet HTML 27Page - STMicroelectronics L6918ADTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
L6918 L6918A
24/35
while placing the zero in correspondence with the L-C resonance a simple -20dB/dec shape of the gain is as-
sured (See Figure 15). In fact, considering the usual value for the output filter, the LC resonance results to be
at frequency lower than the above reported zero.
Figure 15. ACM Control Loop Gain Block Diagram (left) and Bode Diagram (right).
Compensation network can be simply designed placing
ωZ=ωLC and imposing the cross-over frequency ωT as
desired obtaining:
In a four phase operation (since the four phase converter is realized by two dual phase converters in parallel
that shares current using droop), also the other sub-system in parallel must be considered. In particular, in the
above reported relationships, it must be considered with Co and ESR the total output capacitance and equiva-
lent ESR while the output impedance Zo of the other sub-system must be considered in parallel to the output
capacitance Co and to the load Ro.
The output impedance of the other sub-system in parallel results:
Considering Zo in parallel to Ro, it can be verified that the RF and CF design relationships are still valid.
LAYOUT GUIDELINES
Since the device manages control functions and high-current drivers, layout is one of the most important things
to consider when designing such high current applications.
A good layout solution can generate a benefit in lowering power dissipation on the power paths, reducing radi-
ation and a proper connection between signal and power ground can optimize the performance of the control
loops.
Integrated power drivers reduce components count and interconnections between control functions and drivers,
reducing the board space.
Here below are listed the main points to focus on when starting a new layout and rules are suggested for a cor-
rect implementation.
dB
ω
ω
T
ω
Z
ω
LC
GLOOP
ZF(s)
K
K
4
5
---
V
IN
V
osc
∆
---------------
1
R
FB
----------
⋅⋅
dB
=
Rout
Cout
ESR
L/2
RFB
RF
CF
REF
PWM
IFB
VCOMP
VOUT
d
•VIN
ZF
R
F
R
FB
∆V
OSC
⋅
V
IN
----------------------------------
5
4
---
ω
T
L
2R
DRO OP
ESR
+
()
⋅
-------------------------------------------------------
⋅⋅
⋅
=
C
F
Co
L
2
---
⋅
R
F
--------------------
=
Zo s
()
Z
L s
()
4
5
---
V
IN
∆V
OSC
-------------------
Rsense
Rg
---------------------- Z
F s
()
⋅⋅
⋅
+
1
4
5
---
V
IN
∆V
OS C
-------------------
Z
F s
()
R
FB
---------------
⋅⋅
+
-----------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com