Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6995
Description  STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6995 Datasheet HTML 6Page - STMicroelectronics L6995 Datasheet HTML 7Page - STMicroelectronics L6995 Datasheet HTML 8Page - STMicroelectronics L6995 Datasheet HTML 9Page - STMicroelectronics L6995 Datasheet HTML 10Page - STMicroelectronics L6995 Datasheet HTML 11Page - STMicroelectronics L6995 Datasheet HTML 12Page - STMicroelectronics L6995 Datasheet HTML 13Page - STMicroelectronics L6995 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
L6995
10/25
be supposed linear function of the time.
Eq 8
so the output voltage is given by:
Eq 9
calling Vout as the Vout final value, the output charging time can be estimated as:
Eq 10
the minimum CSS value is given imposing this condition:
Eq 11
Tout =Tuvp
1.5 Current limit
The current limit comparator senses the inductor current through the low side MOSFET RDSON drop and com-
pares this value with the ILIM pin voltage value. While the current is above the current limit value, the control
inhibits the one-shot start.
To properly set the current limit threshold, it should be noted that this is a valley current limit. Average current
depends on the inductor value, VIN VOUT and switching frequency.
The average output current in current limit is given by:
Eq 12
Thus, to set the current threshold, choose RILIM according to the following equation:
Eq 13
Where KC is the current limit factor (Typ 1µA). In current limit the system keeps the current constant until the
output voltage meets the undervolatge threshold. The system is capable to sink current, but it has not a negative
current limit.
The system accuracy is function of the exactness of the resistance connected to ILIM pin and the low side MOS-
FET RDSON accuracy. Moreover the voltage on ILIM pin must range between 10mV and 2V to ensure the sys-
tem linearity.
Figure 6. Current limit schematic
I
L t,CSS
()
R
ilim /Rds on
K
C
I
SS
t
⋅⋅
⋅
()
V
SS
C
SS
⋅
∆
()
----------------------------------------------------------------------------
=
V
out t,CSS
()
Qt,C
SS
()
C
out
-------------------------
R
ilim /Rds on
K
C
I
SS
t
2
⋅⋅
⋅
()
C
ou t
V
SS
C
SS
2
⋅⋅
∆
⋅
()
-------------------------------------------------------------------------------
==
I
out CSS
()
V
out
C
ou t
V
SS
C
SS
2
⋅⋅
∆
⋅⋅
()
R
i lim /Rdson
K
C
I
SS
⋅⋅
()
---------------------------------------------------------------------------------------
0.5
=
I
OUT
CL
I
max valley
I
∆
2
-----
+
=
I
max valley
R
ILim
Rds
on
-----------------
K
C
⋅
=
Positive current limit
R
ILIM
5µA
Current
Comparator
To
logic
PGN
D
PHASE
To inductor
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com