Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6995
Description  STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6995 Datasheet HTML 9Page - STMicroelectronics L6995 Datasheet HTML 10Page - STMicroelectronics L6995 Datasheet HTML 11Page - STMicroelectronics L6995 Datasheet HTML 12Page - STMicroelectronics L6995 Datasheet HTML 13Page - STMicroelectronics L6995 Datasheet HTML 14Page - STMicroelectronics L6995 Datasheet HTML 15Page - STMicroelectronics L6995 Datasheet HTML 16Page - STMicroelectronics L6995 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
L6995
2.3 NOTE
There is a linear regulator on board, it allows to use one generator (only for the power section, in fact the IC
section is powered by the linear regulator); if the regulator is used close the J1, other wise it has to keep open.
Be careful measuring the efficiency with the linear regulator asserted.
At high current in the integrator configuration (around 20A), it can be seen an oscillation in the switching fre-
quency due to the noise interaction, to reduce this oscillation put a noise filter RN, CN like in the figure 7. Note
the RN resistor is in the place of the INT jumper near C4. RN, CN, should be selected with a pole frequency
around 1Mhz, but anyway higher than switching frequency (five times).
2.4 DEMOBOARD LAYOUT
Real dimensions: 5,7 cm X 7,7 cm (2,28inch X 3, 08inch)
Figure 8. PCB layout: bottom side
Figure 9. PCB Layout: Top side
Figure 10. Internal ground plane
Figure 11. Power & signal plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com