Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6995
Description  STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6995 Datasheet HTML 11Page - STMicroelectronics L6995 Datasheet HTML 12Page - STMicroelectronics L6995 Datasheet HTML 13Page - STMicroelectronics L6995 Datasheet HTML 14Page - STMicroelectronics L6995 Datasheet HTML 15Page - STMicroelectronics L6995 Datasheet HTML 16Page - STMicroelectronics L6995 Datasheet HTML 17Page - STMicroelectronics L6995 Datasheet HTML 18Page - STMicroelectronics L6995 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
L6995
POWER SECTION
Notes: 1. N.M.=Not Mounted
2. The demoboard with this component list is set to give: VOUT = 1.25V, FSW = 270kHz with an input voltage around VIN = 20V with
the integrator feature, and with 20A continuos output current.
3. All capacitors are intended ceramic type otherwise specified.
Part name
Value
Dimension
Notes
C21
47pF
0603
C22
220nF
0805
C23
0603
N.M.
C24
1nF
0603
C25
1uF
Tantalum
DIODES
D1
BAT54
25V
OUTPUT CAPACITORS
C10-C11-C12
3X330uF
EEFUE0D331R
PANASONIC
Output capacitor C8, C9 N.M.
INPUT CAPACITORS
C13, C14, C16, C17,
C15 C18
10uF
C34Y5U1E106Z
TOKIN
Input capacitor
10uF
C3225Y5V1E106Z
TDK
Part name
Value
Dimension
Notes
10uF
ECJ4XF1E106Z
PANASONIC
10uF
TMK325F106ZH
TAIYO YUDEN
INDUCTOR
L1
0.6µH
ETQP6F0R6BFA
PANASONIC
0.6µH
A959ASR60N
TOKO
0.6µH
DXM1306-R60-T COEV
0.6µH
CEP12D38H0R6 SUMIDA
POWER MOS
Q1,Q2
STS11NF3LL
STMicroelectronics
Q3 N.M.
STSJ25NF3LL
STMicroelectronics
Q3 N.M.
Q5,Q6
STS25NH3LL
STMicroelectronics
Q4 N.M.
DIODES
D2
STPS3L40U
STMicroelectronics
25V
INTEGRATED CIRCUIT
U1
LM317LD
Linear regulator
U2
L6995
Switcher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com