Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6995
Description  STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6995 Datasheet HTML 16Page - STMicroelectronics L6995 Datasheet HTML 17Page - STMicroelectronics L6995 Datasheet HTML 18Page - STMicroelectronics L6995 Datasheet HTML 19Page - STMicroelectronics L6995 Datasheet HTML 20Page - STMicroelectronics L6995 Datasheet HTML 21Page - STMicroelectronics L6995 Datasheet HTML 22Page - STMicroelectronics L6995 Datasheet HTML 23Page - STMicroelectronics L6995 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
L6995
20/25
3.11 DEMOBOARD LAYOUT
Real dimensions: 4.7 cm X 2.7 cm (1.85inch X1.063inch)
Figure 14. Top side components placement
Figure 15. Bottom side Jumpers distribution
Figure 16. Top side layout
Figure 17. Bottom side layout
Table 5. Component list
GENERAL-PURPOSE SECTION
Part name
Value
Dimension
Notes
RESISTOR
R1, R5, R9, R10
33k
Ω
0603
Pull-up resistor
R2
10k
Ω
0603
Output resistor divider
(To set output voltage)
R3
10k
Ω
0603
R4
21k
Ω
0603
Input resistor divider
(To set switching frequency)
R6
470k
Ω
0603
R7
47
Ω
0603
R8
120k
Ω
0603
Current limit resistor
CAPACITOR
C1
330pF
0603
First integrator capacitor
C2
N.M.
0603
Second integrator capacitor
C3
N.M.
0603
N.M.
C4
100nF
0603
C5
1
µF
Tantalum
C6
10nF
0603
C8, C12
47pF
0603
C9
22nF
0603
Softstart capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com