Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88001/2/3EVAL1Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL88001/2/3EVAL1Z
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88001/2/3EVAL1Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL88001/2/3EVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL88001, ISL88002, ISL88003
FN6174 Rev 3.00
Page 7 of 15
Feb 10, 2021
ISL88003IH23Z-TK (Note 4) 3H23
Push-Pull RST
2.32
-40 to +85
1k
3 Ld SOT-23
P3.064
ISL88003IH22Z-T (Note 4)
3H22
Push-Pull RST
2.19
-40 to +85
3k
3 Ld SOT-23
P3.064
ISL88003IH22Z-T7A (Note 4) 3H22
Push-Pull RST
2.19
-40 to +85
250
3 Ld SOT-23
P3.064
ISL88003IH22Z-TK (Note 4) 3H22
Push-Pull RST
2.19
-40 to +85
1k
3 Ld SOT-23
P3.064
ISL88003IH17Z-T (Note 4)
3H17
Push-Pull RST
1.67
-40 to +85
3k
3 Ld SOT-23
P3.064
ISL88003IH17Z-T7A (Note 4) 3H17
Push-Pull RST
1.67
-40 to +85
250
3 Ld SOT-23
P3.064
ISL88003IH17Z-TK (Note 4) 3H17
Push-Pull RST
1.67
-40 to +85
1k
3 Ld SOT-23
P3.064
ISL88003IH16Z-T (Note 4)
3H16
Push-Pull RST
1.58
-40 to +85
3k
3 Ld SOT-23
P3.064
ISL88003IH16Z-T7A (Note 4) 3H16
Push-Pull RST
1.58
-40 to +85
250
3 Ld SOT-23
P3.064
ISL88003IH16Z-TK (Note 4) 3H16
Push-Pull RST
1.58
-40 to +85
1k
3 Ld SOT-23
P3.064
ISL88001/2/3EVAL1Z
Evaluation Platform for ISL88001, ISL88002, and ISL88003
NOTES:
1. For non-standard voltage trip point versions between 1.5V and 5V in 100mV increments, please contact factory for availability.
2. See TB347 for details about reel specifications.
3. These Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb free soldering operations. Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J-STD-020
4. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J-STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL88001, ISL88002, ISL88003. For more information about MSL,
see TB363.
6. The part marking is located on the bottom of the part.
Ordering Information (Continued)
PART NUMBER
(Notes 1, 5)
PART
MARKING
(Note 6)
RESET
NOMINAL
VTHVDD (V)
TEMPERATURE
RANGE (°C)
TAPE AND REEL
(Units) (Note 2)
PACKAGE
Tape and Reel
(Pb-free)
PKG.
DWG. #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com