Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88001/2/3EVAL1Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL88001/2/3EVAL1Z
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88001/2/3EVAL1Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL88001/2/3EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ISL88001, ISL88002, ISL88003
FN6174 Rev 3.00
Page 14 of 15
Feb 10, 2021
VIEW C
L
R1
R
4X
1
4X
1
GAUGE PLANE
L1
SEATING
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
D
e1
E
CL
e
b
CL
0.20 (0.008) M C
12
3
4
5
6
E1
CL
C
VIEW C
CL
A2
A
A1
0.10 (0.004) C
-C-
SEATING
PLANE
P3.049
3 Lead Small Outline Transistor Plastic Package (SC70-3)
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.031
0.043
0.80
1.10
-
A1
0.000
0.004
0.00
0.10
-
A2
0.031
0.039
0.80
1.00
-
b
0.009
0.016
0.25
0.40
-
b1
0.009
0.014
0.25
0.35
c
0.004
0.007
0.10
0.18
6
c1
0.004
0.007
0.10
0.16
6
D
0.071
0.087
1.80
2.20
3
E
0.071
0.094
1.80
2.40
-
E1
0.045
0.053
1.15
1.35
3
e
0.0256 Ref
0.65 Ref
-
e1
0.0512 Ref
1.30 Ref
-
L
0.010
0.018
0.26
0.46
4
L1
0.017 Ref.
0.420 Ref.
-
L2
0.006 BSC
0.15 BSC
0°
8°
0°
8°
-
N3
3
5
R
0.004
-
0.10
-
R1
0.004
0.010
0.15
0.25
Rev. 0 11/06
NOTES:
1. Dimensioning and tolerances per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC70 and JEDEC MO-203AA.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com