Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88001/2/3EVAL1Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL88001/2/3EVAL1Z
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88001/2/3EVAL1Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL88001/2/3EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ISL88001, ISL88002, ISL88003
FN6174 Rev 3.00
Page 13 of 15
Feb 10, 2021
Package Outline Drawings
P3.064
3 Lead Small Outline Transistor Plastic Package (SOT23-3)
Rev 3, 3/12
Reference JEDEC TO-236.
Footlength is measured at reference to gauge plane.
Dimension does not include interlead flash or protrusions.
Dimensioning and tolerancing conform to AMSEY14.5m-1994.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "A"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
C
0.10 C
0.20 M C
L
C
1.30±0.10
C
L
0.950
2.37±0.27
2.92±0.12
4
4
10° TYP
(2 plcs)
0.013(MIN)
0.100(MAX)
SEATING PLANE
1.00±0.12
0.95±0.07
SEATING PLANE
GAUGE PLANE
0.25
0.38±0.10
DETAIL "A"
0.435±0.065
0 - 8 deg.
(2.15)
(1.25)
(0.60)
(0.95 typ.)
5
0.085 - 0.19
Dimensions in (
) for Reference Only.
Interlead flash or protrusions shall not exceed 0.25mm per side.
(0.4 RAD TYP.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com