Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL88001/2/3EVAL1Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL88001/2/3EVAL1Z
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88001/2/3EVAL1Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL88001/2/3EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL88001, ISL88002, ISL88003
FN6174 Rev 3.00
Page 8 of 15
Feb 10, 2021
Absolute Maximum Ratings
Thermal Information
Voltage on Any Pin with respect to GND . . . . . . . . . . -0.3V to +6.5V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 7)
JA (°C/W)
3 Lead SC-70 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
640
3 Lead SOT-23. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
590
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
7.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See TB379 for details.
Electrical Specifications Over the recommended operating conditions unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
BIAS
VDD
Supply Voltage Range
VTHVDD = 4.64V, 4.38V, 3.09V, 2.92V, 2.63V
1.8
5.5
V
VTHVDD = 2.32V, 2.19V, 1.67V, 1.58V
1.8
2.75
V
IDD
Supply Current (RESET, RESET open) VDD = 5.0V, VTHVDD = 4.64V, 4.38V
215
400
nA
VDD = 3.3V, VTHVDD = 3.09V, 2.92V, 2.63V
200
350
nA
VDD = 2.5V, VTHVDD = 2.32V, 2.19V
175
325
nA
VDD = 1.8V, VTHVDD = 1.67V, 1.58V
160
300
nA
VOLTAGE THRESHOLD
VTHVDD
Falling Fixed VDD Voltage Trip Point
ISL88001, 88002, 88003Ix46, TA = +25°C
4.570
4.625
4.681
V
ISL88001, 88002, 88003Ix46
4.500
4.750
V
ISL88001, 88002, 88003Ix44, TA = +25°C
4.327
4.380
4.433
V
ISL88001, 88002, 88003Ix44
4.262
4.498
V
ISL88001, 88002, 88003Ix31, TA = +25°C
3.038
3.075
3.112
V
ISL88001, 88002, 88003Ix31
3.000
3.150
V
ISL88001, 88002, 88003Ix29, TA = +25°C
2.890
2.925
2.960
V
ISL88001, 88002, 88003Ix29
2.850
3.000
V
ISL88001, 88002, 88003Ix26, TA = +25°C
2.598
2.630
2.662
V
ISL88001, 88002, 88003Ix26
2.559
2.701
V
ISL88001, 88002, 88003Ix23, TA = +25°C
2.292
2.320
2.348
V
ISL88001, 88002, 88003Ix23
2.257
2.383
V
ISL88001, 88002, 88003Ix22, TA = +25°C
2.164
2.190
2.216
V
ISL88001, 88002, 88003Ix22
2.131
2.249
V
ISL88001, 88002, 88003Ix17, TA = +25°C
1.650
1.670
1.690
V
ISL88001, 88002, 88003Ix17
1.625
1.715
V
ISL88001, 88002, 88003Ix16, TA = +25°C
1.561
1.580
1.599
V
ISL88001, 88002, 88003Ix16
1.537
1.623
V
VTHVDDHYST Hysteresis at VDD Input
1%
TVTHVDD
VTHVDD Temperature Coefficient
0.48
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com