Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7800 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7800
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7800 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7800 Datasheet HTML 7Page - STMicroelectronics L7800 Datasheet HTML 8Page - STMicroelectronics L7800 Datasheet HTML 9Page - STMicroelectronics L7800 Datasheet HTML 10Page - STMicroelectronics L7800 Datasheet HTML 11Page - STMicroelectronics L7800 Datasheet HTML 12Page - STMicroelectronics L7800 Datasheet HTML 13Page - STMicroelectronics L7800 Datasheet HTML 14Page - STMicroelectronics L7800 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
L7800 SERIES
11/34
Table 15: Electrical Characteristics Of L7808C (refer to the test circuits, TJ = 0 to 125°C, VI = 14V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Table 16: Electrical Characteristics Of L7885C (refer to the test circuits, TJ = 0 to 125°C, VI = 14.5V,
IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
7.7
8
8.3
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 10.5 to 25 V
7.688.4
V
∆V
O(*)
Line Regulation
VI = 10.5 to 25 V
TJ = 25°C
160
mV
VI = 11 to 17 V
TJ = 25°C
80
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
160
mV
IO = 250 to 750 mA
TJ = 25°C
80
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 10.5 to 25 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.8
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
52
µV/V
O
SVR
Supply Voltage Rejection
VI = 11.5 to 21.5 V
f = 120Hz
56
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
16
m
Ω
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.45
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.2
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
8.2
8.5
8.8
V
VO
Output Voltage
IO = 5 mA to 1 A
PO ≤ 15W
VI = 11 to 26 V
8.1
8.5
8.9
V
∆V
O(*)
Line Regulation
VI = 11 to 27 V
TJ = 25°C
160
mV
VI = 11.5 to 17.5 V
TJ = 25°C
80
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
160
mV
IO = 250 to 750 mA
TJ = 25°C
80
Id
Quiescent Current
TJ = 25°C
8
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = 11 to 27 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.8
mV/°C
eN
Output Noise Voltage
B =10Hz to 100KHz
TJ = 25°C
55
µV/V
O
SVR
Supply Voltage Rejection
VI = 12 to 22 V
f = 120Hz
56
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
2
V
RO
Output Resistance
f = 1 KHz
16
m
Ω
Isc
Short Circuit Current
VI = 35 V
TJ = 25°C
0.45
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com