Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7800 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L7800
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7800 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L7800 Datasheet HTML 24Page - STMicroelectronics L7800 Datasheet HTML 25Page - STMicroelectronics L7800 Datasheet HTML 26Page - STMicroelectronics L7800 Datasheet HTML 27Page - STMicroelectronics L7800 Datasheet HTML 28Page - STMicroelectronics L7800 Datasheet HTML 29Page - STMicroelectronics L7800 Datasheet HTML 30Page - STMicroelectronics L7800 Datasheet HTML 31Page - STMicroelectronics L7800 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
L7800 SERIES
28/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.50
0.045
0.059
F2
1.15
1.50
0.045
0.059
G
4.95
5.2
0.194
0.204
G1
2.4
2.7
0.094
0.106
H
10.0
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
DIA.
3
3.2
0.118
0.126
TO-220FP MECHANICAL DATA
7012510A-H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com