Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7800 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L7800
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7800 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L7800 Datasheet HTML 25Page - STMicroelectronics L7800 Datasheet HTML 26Page - STMicroelectronics L7800 Datasheet HTML 27Page - STMicroelectronics L7800 Datasheet HTML 28Page - STMicroelectronics L7800 Datasheet HTML 29Page - STMicroelectronics L7800 Datasheet HTML 30Page - STMicroelectronics L7800 Datasheet HTML 31Page - STMicroelectronics L7800 Datasheet HTML 32Page - STMicroelectronics L7800 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
L7800 SERIES
29/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.50
4.90
0.177
0.193
B
2.34
2.74
0.092
0.108
D
2.56
2.96
0.101
0.117
E
0.45
0.50
0.60
0.018
0.020
0.024
F
0.70
0.90
0.028
0.035
F1
1.47
0.058
G
5.08
0.200
G1
2.34
2.54
2.74
0.092
0.100
0.108
H
9.96
10.36
0.392
0.408
L2
15.8
0.622
L4
9.45
10.05
0.372
0.396
L6
15.67
16.07
0.617
0.633
L7
8.99
9.39
0.354
0.370
L8
3.30
0.130
DIA.
3.08
3.28
0.121
0.129
TO-220FM MECHANICAL DATA
7012510C-H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com