Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7800 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L7800
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7800 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L7800 Datasheet HTML 21Page - STMicroelectronics L7800 Datasheet HTML 22Page - STMicroelectronics L7800 Datasheet HTML 23Page - STMicroelectronics L7800 Datasheet HTML 24Page - STMicroelectronics L7800 Datasheet HTML 25Page - STMicroelectronics L7800 Datasheet HTML 26Page - STMicroelectronics L7800 Datasheet HTML 27Page - STMicroelectronics L7800 Datasheet HTML 28Page - STMicroelectronics L7800 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
L7800 SERIES
25/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.15
1.70
0.045
0.067
c
0.49
0.70
0.019
0.027
D
15.25
15.75
0.600
0.620
E
10.0
10.40
0.393
0.409
e
2.4
2.7
0.094
0.106
e1
4.95
5.15
0.194
0.203
F
1.23
1.32
0.048
0.051
H1
6.2
6.6
0.244
0.260
J1
2.40
2.72
0.094
0.107
L
13.0
14.0
0.511
0.551
L1
3.5
3.93
0.137
0.154
L20
16.4
0.645
L30
28.9
1.138
φP
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
TO-220 (A TYPE) MECHANICAL DATA
0015988/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com