Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448EC Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC7448EC
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448EC Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC7448EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
49
System Design Information
of any thermal interface material depends on many factors—thermal performance requirements,
manufacturability, service temperature, dielectric properties, cost, and so on.
Figure 25. Thermal Performance of Select Thermal Interface Material
The board designer can choose between several types of thermal interfaces. Heat sink adhesive materials
should be selected based on high conductivity and mechanical strength to meet equipment shock/vibration
requirements. There are several commercially available thermal interfaces and adhesive materials
provided by the following vendors:
The Bergquist Company
800-347-4572
18930 West 78th St.
Chanhassen, MN 55317
Internet: www.bergquistcompany.com
Chomerics, Inc.
781-935-4850
77 Dragon Ct.
Woburn, MA 01801
Internet: www.chomerics.com
Dow-Corning Corporation
800-248-2481
Corporate Center
P.O. Box 994.
Midland, MI 48686-0994
Internet: www.dowcorning.com
0
0.5
1
1.5
2
0
1020
30
40
50607080
Silicone Sheet (0.006 in.)
Bare Joint
Fluoroether Oil Sheet (0.007 in.)
Graphite/Oil Sheet (0.005 in.)
Synthetic Grease
Contact Pressure (psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com