Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448EC Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC7448EC
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448EC Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC7448EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
53
System Design Information
Solving for T, the equation becomes:
9.7.5
Dynamic Frequency Switching (DFS)
The DFS feature in the MPC7448 adds the ability to divide the processor-to-system bus ratio by two or
four during normal functional operation. Divide-by-two mode is enabled by setting the HID1[DFS2] bit
in software or by asserting the DFS2 pin via hardware. The MPC7448 can be returned for full speed by
clearing HID1[DFS2] or negating DFS2. Similarly, divide-by-four mode is enabled by setting
HID1[DFS4] in software or by asserting the DFS4 pin. In all cases, the frequency change occurs in 1 clock
cycle and no idle waiting period is required to switch between modes. Note that asserting either DFS2 or
DFS4 overrides software control of DFS, and that asserting both DFS2 and DFS4 disables DFS
completely, including software control. Additional information regarding DFS can be found in the
MPC7450 RISC Microprocessor Family Reference Manual. Note that minimum core frequency
requirements must be observed when enabling DFS, and the resulting core frequency must meet the
requirements for fcore_DFS given in Table 8.
9.7.5.1
Power Consumption with DFS Enabled
Power consumption with DFS enabled can be approximated using the following formula:
Where:
PDFS = Power consumption with DFS enabled
fDFS = Core frequency with DFS enabled
f = Core frequency prior to enabling DFS
P = Power consumption prior to enabling DFS (see Table 7)
PDS = Deep sleep mode power consumption (see Table 7)
The above is an approximation only. Power consumption with DFS enabled is not tested or guaranteed.
9.7.5.2
Bus-to-Core Multiplier Constraints with DFS
DFS is not available for all bus-to-core multipliers as configured by PLL_CFG[0:5] during hard reset. The
complete listing is shown in Table 16. Shaded cells represent DFS modes that are not available for a
particular PLL_CFG[0:5] setting. Should software or hardware attempt to transition to a multiplier that is
not supported, the device will remain at its current multiplier. For example, if a transition from
DFS-disabled to an unsupported divide-by-2 or divide-by-4 setting is attempted, the bus-to-core multiplier
will remain at the setting configured by the PLL_CFG[0:5] pins. In the case of an attempted transition from
a supported divide-by-2 mode to an unsupported divide-by-4 mode, the device will remain in divide-by-2
mode. In all cases, the HID1[PC0-5] bits will correctly reflect the current bus-to-core frequency multiplier.
nT =
VH – VL
__________
1.986
× 10–4
PDFS =
(P – PDS) + PDS
fDFS
___
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com