Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448EC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC7448EC
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448EC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC7448EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
5
Features
— Monitors all dispatched instructions and retires them in order
— Tracks unresolved branches and flushes instructions after a mispredicted branch
— Retires as many as three instructions per clock cycle
•
Separate on-chip L1 instruction and data caches (Harvard architecture)
— 32-Kbyte, eight-way set-associative instruction and data caches
— Pseudo least-recently-used (PLRU) replacement algorithm
— 32-byte (eight-word) L1 cache block
— Physically indexed/physical tags
— Cache write-back or write-through operation programmable on a per-page or per-block basis
— Instruction cache can provide four instructions per clock cycle; data cache can provide four
words per clock cycle
— Caches can be disabled in software.
— Caches can be locked in software.
— MESI data cache coherency maintained in hardware
— Separate copy of data cache tags for efficient snooping
— Parity support on cache
— No snooping of instruction cache except for icbi instruction
— Data cache supports AltiVec LRU and transient instructions
— Critical double- and/or quad-word forwarding is performed as needed. Critical quad-word
forwarding is used for AltiVec loads and instruction fetches. Other accesses use critical
double-word forwarding.
•
Level 2 (L2) cache interface
— On-chip, 1-Mbyte, eight-way set-associative unified instruction and data cache
— Cache write-back or write-through operation programmable on a per-page or per-block basis
— Parity support on cache tags
— ECC or parity support on data
— Error injection allows testing of error recovery software
•
Separate memory management units (MMUs) for instructions and data
— 52-bit virtual address, 32- or 36-bit physical address
— Address translation for 4-Kbyte pages, variable-sized blocks, and 256-Mbyte segments
— Memory programmable as write-back/write-through, caching-inhibited/caching-allowed, and
memory coherency enforced/memory coherency not enforced on a page or block basis
— Separate IBATs and DBATs (eight each) also defined as SPRs
— Separate instruction and data translation lookaside buffers (TLBs)
– Both TLBs are 128-entry, two-way set-associative and use an LRU replacement algorithm.
– TLBs are hardware- or software-reloadable (that is, a page table search is performed in
hardware or by system software on a TLB miss).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com