Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448EC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC7448EC
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448EC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC7448EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7448EC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
11
Electrical and Thermal Characteristics
Table 4 provides the recommended operating conditions for the MPC7448 part numbers described by this
document; see Section 11.1, “Part Numbers Fully Addressed by This Document,” for more information.
See Section 9.2, “Power Supply Design and Sequencing” for power sequencing requirements.
Table 4. Recommended Operating Conditions1
Characteristic
Symbol
Recommended Value
Unit Notes
1000 MHz
1420 MHz
1600 MHz
1700 MHz
Min
Max
Min
Max
Min
Max
Min
Max
Core supply voltage
VDD
1.15 V ± 50 mV 1.2 V ± 50 mV 1.25 V ± 50 mV
1.3 V +20/
–50 mV
V
3, 4, 5
PLL supply voltage
AVDD
1.15 V ± 50 mV 1.2 V ± 50 mV 1.25 V ± 50 mV
1.3 V +20/
–50 mV
V
2, 3, 4
Processor
bus
supply
voltage
I/O Voltage Mode = 1.5 V
OVDD
1.5 V ± 5%
1.5 V ± 5%
1.5 V ± 5%
1.5 V ± 5%
V
4
I/O Voltage Mode = 1.8 V
1.8 V ± 5%
1.8 V ± 5%
1.8 V ± 5%
1.8 V ± 5%
4
I/O Voltage Mode = 2.5 V
2.5 V ± 5%
2.5 V ± 5%
2.5 V ± 5%
2.5 V ± 5%
4
Input
voltage
Processor bus
Vin
GND
OVDD
GND
OVDD
GND
OVDD GND OVDD
V
JTAG signals
Vin
GND
OVDD
GND
OVDD
GND
OVDD GND OVDD
Die-junction temperature
Tj
0
105
0
105
0
105
0
105
•C
C6
Notes:
1. These are the recommended and tested operating conditions.
2. This voltage is the input to the filter discussed in Section 9.2.2, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
3. Some early devices supported voltage and frequency derating whereby VDD (and AVDD) could be reduced to reduce power
consumption. This feature has been superseded and is no longer supported. See Section 5.3, “Voltage and Frequency
Derating,” for more information.
4. Caution: Power sequencing requirements must be met; see Section 9.2, “Power Supply Design and Sequencing”.
5. Caution: See Section 9.2.3, “Transient Specifications” for information regarding transients on this power supply.
6. For information on extended temperature devices, see Section 11.2, “Part Numbers Not Fully Addressed by This Document.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com