Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
26
Freescale Semiconductor
Pinout Listings
Table 11. Pinout Listing for the MPC7448, 360 HCTE Package
Signal Name
Pin Number
Active
I/O
Notes
A[0:35]
E11, H1, C11, G3, F10, L2, D11, D1, C10, G2, D12, L3, G4, T2, F4, V1,
J4, R2, K5, W2, J2, K4, N4, J3, M5, P5, N3, T1, V2, U1, N5, W1, B12,
C4, G10, B11
High
I/O
2
AACK
R1
Low
Input
AP[0:4]
C1, E3, H6, F5, G7
High
I/O
2
ARTRY
N2
Low
I/O
3
AVDD
A8
—
Input
BG
M1
Low
Input
BMODE0
G9
Low
Input
4
BMODE1
F8
Low
Input
5
BR
D2
Low
Output
BVSEL0
B7
High
Input
1, 6
BVSEL1
E10
High
Input
1, 20
CI
J1
Low
Output
CKSTP_IN
A3
Low
Input
CKSTP_OUT
B1
Low
Output
CLK_OUT
H2
High
Output
D[0:63]
R15, W15, T14, V16, W16, T15, U15, P14, V13, W13, T13, P13, U14,
W14, R12, T12, W12, V12, N11, N10, R11, U11, W11, T11, R10, N9,
P10, U10, R9, W10, U9, V9, W5, U6, T5, U5, W7, R6, P7, V6, P17, R19,
V18, R18, V19, T19, U19, W19, U18, W17, W18, T16, T18, T17, W3,
V17, U4, U8, U7, R7, P6, R8, W8, T8
High
I/O
DBG
M2
Low
Input
DFS2
A12
Low
Input
20, 21
DFS4
B6
Low
Input
12, 20, 21
DP[0:7]
T3, W4, T4, W9, M6, V3, N8, W6
High
I/O
DRDY
R3
Low
Output
7
DTI[0:3]
G1, K1, P1, N1
High
Input
8
EXT_QUAL
A11
High
Input
9
GBL
E2
Low
I/O
GND
B5, C3, D6, D13, E17, F3, G17, H4, H7, H9, H11, H13, J6, J8, J10, J12,
K7, K3, K9, K11, K13, L6, L8, L10, L12, M4, M7, M9, M11, M13, N7, P3,
P9, P12, R5, R14, R17, T7, T10, U3, U13, U17, V5, V8, V11, V15
——
GND
A17, A19, B13, B16, B18, E12, E19, F13, F16, F18, G19, H18, J14, L14,
M15, M17, M19, N14, N16, P15, P19
——
15
GND_SENSE
G12, N13
—
—
19
HIT
B2
Low
Output
7
HRESET
D8
Low
Input
INT
D4
Low
Input
L1_TSTCLK
G8
High
Input
9
L2_TSTCLK
B3
High
Input
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com