Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
10
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 2 shows the undershoot and overshoot voltage on the MPC7448.
Figure 2. Overshoot/Undershoot Voltage
The MPC7448 provides several I/O voltages to support both compatibility with existing systems and
migration to future systems. The MPC7448 core voltage must always be provided at the nominal voltage
(see Table 4). The input voltage threshold for each bus is selected by sampling the state of the voltage
select pins at the negation of the signal HRESET. The output voltage will swing from GND to the
maximum voltage applied to the OVDD power pins. Table 3 provides the input threshold voltage settings.
Because these settings may change in future products, it is recommended that BVSEL[0:1] be configured
using resistor options, jumpers, or some other flexible means, with the capability to reconfigure the
termination of this signal in the future, if necessary.
Table 3. Input Threshold Voltage Setting
BVSEL0
BVSEL1
I/O Voltage Mode1
Notes
0
0
1.8 V
2, 3
0
1
2.5 V
2, 4
1
0
1.5 V
2
1
1
2.5 V
4
Notes:
1. Caution: The I/O voltage mode selected must agree with the OVDD voltages
supplied. See Table 4.
2. If used, pull-down resistors should be less than 250
Ω.
3. The pin configuration used to select 1.8V mode on the MPC7448 is not compatible
with the pin configuration used to select 1.8V mode on the MPC7447A and earlier
devices.
4. The pin configuration used to select 2.5V mode on the MPC7448 is fully compatible
with the pin configuration used to select 2.5V mode on the MPC7447A and earlier
devices.
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
OVDD + 20%
VIL
OVDD
OVDD + 5%
of tSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com