Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
38
Freescale Semiconductor
System Design Information
These requirements are shown graphically in Figure 16.
Figure 16. MPC7448 Power Up Sequencing Requirements
Certain stipulations also apply to the manner in which the power rails of the MPC7448 power down, as
follows:
•OVDD may ramp down any time before or after VDD.
•
The voltage at the SYSCLK input must not exceed VDD once VDD has ramped down below 0.9 V.
•
The voltage at the SYSCLK input must not exceed OVDD by more 20% during transients (see
overshoot/undershoot specifications in Figure 2) or 0.3 V DC (see Table 2) at any time.
AVDD
VDD
OVDD
SYSCLK
0.9 V
no restrictions between OVDD and VDD
0.9 V
limit imposed by VDD if OVDD ramps up first
limit imposed by OVDD if VDD ramps up first
100
μs (nominal) delay from VDD to AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com